Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 87 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 83Page - STMicroelectronics SPSB081 Datasheet HTML 84Page - STMicroelectronics SPSB081 Datasheet HTML 85Page - STMicroelectronics SPSB081 Datasheet HTML 86Page - STMicroelectronics SPSB081 Datasheet HTML 87Page - STMicroelectronics SPSB081 Datasheet HTML 88Page - STMicroelectronics SPSB081 Datasheet HTML 89Page - STMicroelectronics SPSB081 Datasheet HTML 90Page - STMicroelectronics SPSB081 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 137 page
background image
Bit Name
Description
24
FS
Failsafe
The FS bit indicates that the device was forced into a safe state due to the following failure conditions
SR1 (0x31)
•
WDFAIL
•
V1UV (when UV is more than 2ms)
•
TSD2
•
FORCED SLEEP TSD/V1SC
SR2(0x32)
•
FORCED SLEEP V1OV
SR6 (0x36)
•
SGNDLOSS
All control Registers are set to default
Control registers are blocked for WRITE access except the following bits
CR1 (0x01)
•
TRIG
•
CAN_ACT
CR2 (0x02)
•
Timer settings (bits 8…13 and bits 16…21)
CR5 (0x05)
•
OUT1_x (bits 0…2)
•
OUT2_x (bits 4…6)
•
OUT3_x (bits 8…10)
•
OUT4_x (bits 12…14)
•
CR9 (0x09) to CR11 (0x0B) PWM frequency and duty cycles
Config register (0x3F)
•
V2_0
•
V2_1
0 = Fail-safe inactive (default)
1 = Fail-safe active
FS is cleared upon exit from fail-safe mode (refer to Section 3.7 Fail safe mode)
1. Individual failure flags may be masked in the CR1 (0x26).
2. Bit may be masked in the configuration register (0x3F), that is, the bit will not be included in the global status bit (GSB).
3. Open load status flags may be masked in the Configuration register (0x3F), that is the open load flag will be included in the
FE flag, but will not set the GSB. TW failure status flags may be masked in the Configuration register (0x3F), that is the TW
flag will be included in the GW flag, but will not set the GSB.
SPSB081
Global status byte (GSB)
DS14048 - Rev 3
page 87/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com