Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 1 Page - STMicroelectronics

  SPSB081 Datasheet HTML 1Page - STMicroelectronics SPSB081 Datasheet HTML 2Page - STMicroelectronics SPSB081 Datasheet HTML 3Page - STMicroelectronics SPSB081 Datasheet HTML 4Page - STMicroelectronics SPSB081 Datasheet HTML 5Page - STMicroelectronics SPSB081 Datasheet HTML 6Page - STMicroelectronics SPSB081 Datasheet HTML 7Page - STMicroelectronics SPSB081 Datasheet HTML 8Page - STMicroelectronics SPSB081 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 137 page
background image
QFN32L Epad
(5.0x5.0x1.0 mm)
Features
•
AEC-Q100 qualified
•
One 5 V (or 3.3 V for SPSB0813 and SPSB081C3) low drop voltage regulator
(V1) for microcontroller and peripheral supply
•
One configurable 5 V or 3.3 V, selectable via SPI, low drop voltage regulator V2
tracker for V1 and with off-board protection
•
Minimum current limitation of 450 mA for V1 and 400 mA for V2
•
No electrolytic capacitor required on regulator outputs
•
Very low quiescent current in standby modes (typ. 15 µA)
•
Programmable reset generator for power-on and undervoltage
•
Configurable window watchdog
•
LIN transceivers ISO 17987-4/2016 compliant (only for SPSB0815 and
SPSB0813)
•
CAN-FD transceiver (ISO 11898-2/2016, SAE J2284 compliant) with local failure
and bus failure diagnosis
•
Complete 2-channel contact monitoring interface (WU1 and WU2 input pins)
with programmable cyclic sense functionality. WU2 also with DIR functionality
•
Programmable periodic system wake-up feature
•
STM standard serial peripheral interface (32Bit/ST-SPI)
•
4 HS drivers for 0.14 A (RON = 7 Ω) suitable to drive external LED modules with
high input capacitance value or to also supply external contacts
•
Internal 10-bit PWM timer for each standalone high-side driver
•
Buffered supply for all voltage regulators
•
DIAGN output pin for fail-safe signalization
•
Current monitor output for all internal high-side drivers
•
Open-load diagnosis for all outputs
•
Overcurrent protection for all outputs
•
V1 overvoltage detection and protection
•
Device contains temperature warning and protection
•
Thermal cluster
•
Limited documentation available for customers that need support when dealing
with ASIL requirements as per ISO 26262
Applications
•
Body control modules (BCM)
•
Gateway applications
•
Telematic control unit
•
Passive keyless entry and start modules
•
Control panel
•
Heating, ventilation and air conditioning (HVAC)
•
Seat control modules
•
Sunroof modules
Product status link
SPSB081
Product summary
Order code
Package
Packing
SPSB0815-TR
QFN32L
Epad
5.0x50.x1.0
mm
Tape
and reel
SPSB0813-TR
SPSB081C5-TR
SPSB081C3-TR
Automotive power management IC with LIN and CAN-FD
SPSB081
Datasheet
DS14048 - Rev 3 - February 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SPSB081

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPSB081 STMICROELECTRONICS-SPSB081 Datasheet
3Mb / 135P
Automotive power management IC with LIN and CAN-FD
05-Oct-2022
SPSB0813 STMICROELECTRONICS-SPSB0813 Datasheet
3Mb / 135P
Automotive power management IC with LIN and CAN-FD
05-Oct-2022
SPSB0813-TR STMICROELECTRONICS-SPSB0813-TR Datasheet
3Mb / 135P
Automotive power management IC with LIN and CAN-FD
05-Oct-2022
SPSB0813-TR STMICROELECTRONICS-SPSB0813-TR Datasheet
1Mb / 16P
10BASE-T1S MAC-PHY evaluation board
16-Dec-2024
SPSB0815 STMICROELECTRONICS-SPSB0815 Datasheet
3Mb / 135P
Automotive power management IC with LIN and CAN-FD
05-Oct-2022
More results

Similar Description - SPSB081

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
STMicroelectronics
L99PM62XP STMICROELECTRONICS-L99PM62XP Datasheet
1Mb / 98P
Power management IC with LIN and high speed CAN
29-Nov-2011
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
Automotive Fault Protected CAN Transceiver with CAN FD
logo
Keysight Technologies
N8803C KEYSIGHT-N8803C Datasheet
1Mb / 10P
CAN, LIN, FlexRay, and CAN-FD Protocol
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
Automotive Fault Protected CAN Transceiver with CAN FD
logo
Rohm
BD41044FJ-C ROHM-BD41044FJ-C Datasheet
1Mb / 26P
CAN FD Transceiver for Automotive
logo
NXP Semiconductors
FS6500 NXP-FS6500 Datasheet
740Kb / 20P
Safety Power System Basis Chip with CAN FD and LIN
Rev.1.0-14 December 2017
logo
STMicroelectronics
SPSB081 STMICROELECTRONICS-SPSB081 Datasheet
3Mb / 135P
Automotive power management IC with LIN and CAN-FD
05-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com