Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 65 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 61Page - STMicroelectronics SPSB081 Datasheet HTML 62Page - STMicroelectronics SPSB081 Datasheet HTML 63Page - STMicroelectronics SPSB081 Datasheet HTML 64Page - STMicroelectronics SPSB081 Datasheet HTML 65Page - STMicroelectronics SPSB081 Datasheet HTML 66Page - STMicroelectronics SPSB081 Datasheet HTML 67Page - STMicroelectronics SPSB081 Datasheet HTML 68Page - STMicroelectronics SPSB081 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 137 page
background image
Symbol
Parameter
Condition
Min Typ Max Unit Item
tOCR01
TON time of over-current signal
(including blanking time tBLK)
xx_OCR_TON[0,1] = 01
Tested by scan
70
80
106
µs
D.017
tOCR10
xx_OCR_TON[0,1] = 10
Tested by scan
64
72
96
µs
D.018
tOCR11
xx_OCR_ TON[0,1] = 11
Tested by scan
57
64
87
µs
D.019
|IOLD1|(1)
Under-current threshold HS1
VS/VSREG = 13.5 V, source
0.2 0.65 1.5
mA D.020
|IOLD2|(1)
Under-current threshold HS2
VS/VSREG = 13.5 V, source
0.2 0.65 1.5
mA D.028
|IOLD3|(1)
Under-current threshold HS3
VS/VSREG = 13.5 V, source
0.2 0.65 1.5
mA D.029
|IOLD4|(1)
Under-current threshold HS4
VS/VSREG = 13.5 V, source
0.2 0.65 1.5
mA D.030
tFOL
Filter time of open-load signal
Duration of open-load condition to set the
status bit
Tested by scan
155 200 270
µs
D.021
1. IOLD parameters, in the range 8 V to 16 V, are guaranteed by design and characterization. Production testing is done at
13.5 V.
5.12
Wake-up inputs (WU1, DIR/WU2)
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
6 V ≤ VSREG ≤ 28 V; TJ = from
‑40 °C to 150 °C, unless otherwise specified.
Table 39. Wake-up inputs
Symbol
Parameter
Condition
Min
Typ
Max
Unit Item
VWUthp Wake-up positive edge threshold voltage
-
0.4 VSREG 0.45 VSREG 0.5 VSREG
V
A.033
VWUthn Wake-up negative edge threshold voltage
-
0.5 VSREG 0.55 VSREG 0.6 VSREG
V
A.034
VDIRth DIR threshold voltage
-
0.5
1.5
2.5
V
A.035
VHYST Hysteresis(1)
-
0.05 VSREG 0.1 VSREG 0.15 VSREG
V
A.036
tWU_stat Static wake filter time
Tested by scan
-
64(2)
-
µs
A.037
RWU_act
Input resistor to GND in active mode and in
standby mode during wake-up input sensing
-
80
160
300
kΩ
A.039
tWU_cyc Cyclic wake filter time
Tested by scan
12
16
20
µs
A.040
1. In DIR configuration, no appreciable hysteresis is observed.
2. Guaranteed by design.
SPSB081
Wake-up inputs (WU1, DIR/WU2)
DS14048 - Rev 3
page 65/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com