Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 95 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 91Page - STMicroelectronics SPSB081 Datasheet HTML 92Page - STMicroelectronics SPSB081 Datasheet HTML 93Page - STMicroelectronics SPSB081 Datasheet HTML 94Page - STMicroelectronics SPSB081 Datasheet HTML 95Page - STMicroelectronics SPSB081 Datasheet HTML 96Page - STMicroelectronics SPSB081 Datasheet HTML 97Page - STMicroelectronics SPSB081 Datasheet HTML 98Page - STMicroelectronics SPSB081 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 137 page
background image
Bit
Name
Description
1 = CAN Trx active mode
At exit from active mode, this bit is set to ‘0’ automatically
4
LIN_WU_EN(2)
Enable wake-up by LIN
0 = Disabled
1 = Enabled (default)
Note:
The wake-up behavior is configurable in the configuration register (0x3F)
3
CAN_WU_EN(2)
Enable wake-up by CAN
0 = Disabled
1 = Enabled (default)
Note:
Wake-up occurs at a wake-up event according to ISO 11898-2.
2
TIMER_NINT _SEL
Select timer for wake-up from standby modes
0 = Timer2 (default)
1 = Timer1
1
TIMER_WU _EN
Enable timer wake-up from standby modes
0 = Timer wake-up disabled (default)
1 = Timer wake-up enabled
V1stby mode: device wakes-up after timer expiration and generates NINT pulse
Vbatstby mode: device wakes-up after timer expiration and generates Nreset
0
TRIG
Watchdog trigger bit
1. Lower is the timer duration and major is the contribution of output tdON.
2. For SPSB0815 and SPSB0813 either LIN, CAN or WUx must be enabled as wake-up source. For
SPSB081C devices (without LIN), the LIN_WU_EN is forced to 0. If DIR_WU2_EN is set to 0, setting
all bits 3, 4, 16 and 17 to ‘0’ is an invalid setting. If DIR_WU2_EN is set to 1, setting all bits 3, 4, 16 to ‘0’
is an invalid setting. In case of invalid setting, all wake-up sources will be configured according to default
setting and SPI error bit (SPIE) in global status register will be set.
Table 73. Control register CR2 (0x02)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
0 (R)
0 (R/W)
0 (R)
0 (R/W)
1 (R/
W)
0 (R/W)
Table 74. CR2 signals description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
T2 ON_2
Configuration of Timer2 on-time(1)
000 = ton1 (default)
001 = ton2
010 = ton3
011 = ton4
20
T2 ON_1
19
T2 ON_0
SPSB081
Control registers
DS14048 - Rev 3
page 95/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com