Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 7Page - STMicroelectronics SPSB081 Datasheet HTML 8Page - STMicroelectronics SPSB081 Datasheet HTML 9Page - STMicroelectronics SPSB081 Datasheet HTML 10Page - STMicroelectronics SPSB081 Datasheet HTML 11Page - STMicroelectronics SPSB081 Datasheet HTML 12Page - STMicroelectronics SPSB081 Datasheet HTML 13Page - STMicroelectronics SPSB081 Datasheet HTML 14Page - STMicroelectronics SPSB081 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 137 page
background image
1. Non-overlapping.
2. The values quoted are for PCB 129 mm x 60 mm x 1.6 mm, FR4, four layers; Cu thickness 0.070 mm (outer layers). Cu
thickness 0.035 mm (inner layers), thermal vias separation 1.2 mm, thermal via diameter 0.3 mm ±0.08 mm, Cu thickness
on vias 0.025 mm, footprint dimension 3.5 mm x 3.5 mm.
All parameters are guaranteed in the temperature range from -40 °C to 150 °C (unless otherwise specified); the
device is still operative and functional at higher temperatures (up to 175 °C).
Parameters limits at higher temperatures than 150 °C may change with respect to what is specified as per the
standard temperature range.
Device functionality at high temperature is guaranteed by characterization.
SPSB081 embeds a multitude of junctions housed in a relatively small piece of silicon. The devices contain,
among all the described features, four high-sides, two voltage regulators (one of which can work as voltage
tracker). For this reason, using the thermal impedance of a single junction (that is, voltage regulator or major
power dissipation contributor) does not allow to predict thermal behavior of the whole device and therefore it is
not possible to assess if a device is thermally suitable for a given activation profile and loads characteristics.
Some representative and realistic worst-case thermal profiles are described in the below paragraph. The following
measurement methods can be easily implemented, by the final user, for a specific activation profile.
Activation profile battery voltage: 16 V, ambient temperature starts at 85 °C.
DC activation:
•
V1 (3.3 V) charged with 70 mA; RDSON = 470 Ω (DC activation)
•
V2 (3.3 V) charged with 50 mA; RDSON = 680 Ω (DC activation)
•
OUT1: ILOAD = 50 mA; RDSON = 330 Ω (DC activation)
•
OUT2: ILOAD = 50 mA; RDSON = 330 Ω (DC activation)
•
OUT3: ILOAD = 50 mA; RDSON = 330 Ω (DC activation)
•
OUT4: ILOAD = 50 mA; RDSON = 330 Ω (DC activation)
•
CAN-LIN not relevant
Test execution: once thermal equilibrium is reached with all DC load active, the activation sequence is applied.
The device operates always without triggering the thermal warning threshold.
Figure 5. QFN32L (5.0x5.0x1.0 mm) 4-layers
Note:
PCB 129 mm x 60 mm x 1.6 mm, FR4, four layers; Cu thickness 0.070 mm (outer layers). Cu thickness 0.035
mm (inner layers), thermal vias separation 1.2 mm, thermal via diameter 0.3 mm ±0.08 mm, Cu thickness on
vias 0.025 mm, footprint dimension 3.5 mm x 3.5 mm.
SPSB081
Temperature ranges and thermal data
DS14048 - Rev 3
page 11/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com