Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 46 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 42Page - STMicroelectronics SPSB081 Datasheet HTML 43Page - STMicroelectronics SPSB081 Datasheet HTML 44Page - STMicroelectronics SPSB081 Datasheet HTML 45Page - STMicroelectronics SPSB081 Datasheet HTML 46Page - STMicroelectronics SPSB081 Datasheet HTML 47Page - STMicroelectronics SPSB081 Datasheet HTML 48Page - STMicroelectronics SPSB081 Datasheet HTML 49Page - STMicroelectronics SPSB081 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 137 page
background image
Figure 29. SDO frame
4.2.2.6
Global status byte (GSB)
The bits (Bit0 to Bit4) represent a logical OR combination of bits located in the status registers. Therefore, no
direct read & clear can be performed on these bits inside the GSB.
Table 14. Global status byte
Bit 31
Bit 30
Bit 29
Bit 28
Bit 27
Bit 26
Bit 25
Bit 24
GSBN
RSTB
SPIE
PLE
FE
DE
GW
FS
Global status bit not (GSBN)
The GSBN is a logically NOR combination of bit 24 to bit 30. This bit can also be used as global status flag
without starting a complete communication frame as it is present directly after pulling CSN low.
Reset bit (RSTB)
The RSTB indicates a device reset. In case this bit is set, specific internal control registers are set to default and
kept in that state until the bit is cleared.
The RSTB bit is cleared after a read and clear of all the specific bits in the status registers, which caused the
reset event.
SPI error (SPIE)
The SPIE is a logical OR combination of errors related to a wrong SPI communication.
Physical layer error (PLE)
The PLE is a logical OR combination of errors related to the LIN and CAN FD transceivers.
Functional error (FE)
The FE is a logical OR combination of errors coming from functional blocks (for example, high-side over current).
Device error (DE)
The DE is a logical OR combination of errors related to device specific blocks (for example, VS over voltage, over
temperature.
Global warning (GW)
The GW is a logical OR combination of warning flags (for example, thermal warning).
Fail-safe (FS)
The FS bit indicates that the device was forced into a safe state due to mistreatment or fundamental internal
errors (for example, watchdog failure, voltage regulator failure).
SPSB081
Signal description
DS14048 - Rev 3
page 46/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com