| Electronic Components Datasheet Search |
|
SPSB081 Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB081 Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 137 page ![]() If the fail-safe mode was entered, it keeps active until the fail-safe condition is removed and the fail-safe was read by SPI. Depending on the root cause of the fail-safe operation, the actions to exit fail-safe mode are as shown in the following table. Table 9. Temporary failures conditions Failure source Failure condition Diagnosis Exit from fail-safe mode Microcontroller (oscillator) Watchdog Early write failure or expired window FS (global status byte) = 1 WDFAIL (SR1) = 1 WDFAIL_CNT_x (SR1) = n+1 TRIG = 1 during long open window read and clear SR1 V1 Undervoltage FS (global status byte) = 1 V1UV (SR1) = 1(1) V1FAIL (SR2) = 1(2) V1 > VRTX Read and clear SR1 Temperature TJ > TSD2 FS (global status byte) = 1 TW (SR2) = 1 TSD1 (SR1) = 1 TSD2 (SR1) = 1 TJ < TSD2 Read and clear SR1 1. bit V1UV in SR1 is set for t > tuv1 (16 µs). Fail-Safe bit GSR/FS is set only after tRD (NRESET low pulse). 2. If V1 < V1FAIL (for t > tV1FAIL). The fail-safe bit is located in the global status register. 3.7.2 Non recoverable failures - Forced in VBAT_standby mode If the fail-safe condition persists and all attempts to return to normal system operation fail, the SPSB081 is forced into VBAT_standby mode to prevent damage to the system. The VBAT_standby mode can be terminated by any wake-up source. The root cause of the VBAT_standby is indicated in the SPI status registers. In VBAT_standby mode, all control registers are set to power on default. The VBAT_standby mode is entered in case of: • Multiple watchdog failures: FORCED_SLEEP_WD = 1 (15x watchdog failure) • Multiple thermal shutdowns 2: FORCED_SLEEP_TSD2/V1SC = 1 (7x TSD2) • V1 short at turn-on (V1 < V1FAIL for t > tV1SHORT): FORCED_SLEEP_TSD2/V1SC (SR 1) = 1 • Loss of ground: SGNDLOSS(SR6) = 1 Table 10. Non recoverable failures conditions Failure source Failure condition Diagnosis Exit from fail-safe mode Microcontroller (oscillator) 15 consecutive watchdog failures FS (global status byte) = 1 WDFAIL (SR 1) = 1 FORCED_SLEEP_WD (SR 1) = 1 Wake-up TRIG = 1 during long open window read and clear SR1 V1 Short at turn-on FS (global status byte) = 1 V1FAIL = 1 FORCED_SLEEP_TSD2/V1SC (SR 1) = 1 Wake-up Read and clear SR1 V1 Overvoltage FS (global status byte) = 1 FORCED_SLEEP_V1OV (SR2) = 1 Wake-up Read and clear SR1 Temperature 7 times TSD2 FS (global status byte) = 1 TW (SR 2) = 1 TSD1 (SR 1) = 1 TSD2 (SR 1) = 1 FORCED_SLEEP_TSD2/V1SC (SR 1) = 1 Wake-up Read and clear SR1 SPSB081 Fail safe mode DS14048 - Rev 3 page 24/137 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |