Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3367GF Datasheet (PDF) - Monolithic Power Systems

MP3367GF Datasheet PDF - Monolithic Power Systems
Part # MP3367GF
Download  MP3367GF Download
File Size   1415.18 Kbytes
Page   26 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 6-Channel, Max.150mA/Ch Boost WLED Driver with 15000:1 Dim Ratio and I²C

MP3367GF Datasheet (PDF)

Go To PDF Page Download Datasheet
MP3367GF Datasheet PDF - Monolithic Power Systems

Part # MP3367GF
Download  MP3367GF Click to download

File Size   1415.18 Kbytes
Page   26 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 6-Channel, Max.150mA/Ch Boost WLED Driver with 15000:1 Dim Ratio and I²C

MP3367GF Datasheet (HTML) - Monolithic Power Systems


MP3367GF Product details

DESCRIPTION
The MP3367 is a step-up converter with six channel current sources, designed to drive white LED arrays as backlighting in small-to-mid-size LCD panels.
The MP3367 uses peak current mode as its PWM control architecture to regulate the boost converter. Six channel current sources are applied into the LED cathode to adjust the LED brightness. The MP3367 regulates the current in each LED string to the value set by an external current-setting resistor, with 2.5% current regulation accuracy between strings.
The MP3367 employs a low on-resistor MOSFET and a low headroom voltage, designed for higher efficiency. It has a standard I2C digital interface for ease of use. The switching frequency can be programmed by a resistor, I2C interface, or external clock.
The MP3367 provides analog, PWM, and mix dimming mode with a PWM input. Dimming mode can be selected with the I2C interface or the MIX/AD pin. It also has a phase shift function to eliminate noise during PWM dimming.
Robust protections are included to guarantee safe operation of the device. Protection modes include over-current protection (OCP), overvoltage protection (OVP), over-temperature protection (OTP), LED short, and open protection. There is also an option that automatically decreases the LED current at higher temperatures.
The MP3367 is available in QFN-24 4mmx4mm and TSSOP28-EP packages.

FEATURES
 3.5V to 36V Input Voltage Range
 Six Channels with Max 150mA per Channel
 Internal 100mΩ, 50V MOSFET
 Programmable Up to 2.2MHz fSW
 External Sync SW Function
 Multi-Dimming Operation Mode through PWM Input, Including:
o Direct PWM Dimming
o Analog Dimming
o Mix Dimming with 25%/12.5% Transfer Point
 15000:1 Dim Ratio in PWM Dim at fPWM ≤ 200Hz
 200:1 Dim Ratio at Analog Dim through PWM Dim Signal Input
 Excellent EMI Performance, Frequency Spread Spectrum
 I2C Interface
 Phase Shift Function for PWM Dimming
 2.5% Current Matching
 Cycle-by-Cycle Current Limit
 Disconnect VOUT from VIN
 Optional LED Current Auto-Decrement at High Temperatures
 LED Short/Open, OTP, OCP, and Inductor Short Protections
 Programmable LED Short Threshold
 Programmable OVP Threshold
 Fault Indicator Signal Output
 Available in QFN-24 4mmx4mm and TSSOP28-EP Packages

APPLICATIONS
 Tablet/Notebook




Similar Part No. - MP3367GF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
Highly Integrated Photo Flash Charger and IGBT Driver
MP3360DG MPS-MP3360DG Datasheet
235Kb / 6P
Integrated Photo Flash Changer IGBT Driver EV Board
MP3361 MPS-MP3361 Datasheet
177Kb / 7P
300V, 1A Peak, Integrated Photo Flash Charger and IGBT Driver
MP3361DK MPS-MP3361DK Datasheet
321Kb / 6P
Integrated Photo Flash Changer IGBT Driver EV Board
MP3362 MPS-MP3362 Datasheet
721Kb / 17P
Single-String, 3V Minimum VIN, 36V VOUT, Boost LED Driver
Rev. 1.1 2/22/2023
More results


Similar Description - MP3367GF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
Boost (Step-up) WLED Driver with OVP
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
40 WLED Driver with Boost Converter
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
Boost (Step-up) WLED Driver with OVP
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
Boost (Step-up) WLED Driver with OVP
logo
Monolithic Power System...
EV3376-R-00A MPS-EV3376-R-00A Datasheet
1Mb / 6P
8-Channel, Synchronous, Boost, WLED Driver with I2C Interface
logo
IXYS Corporation
LDS8720 IXYS-LDS8720 Datasheet
475Kb / 10P
184 WLED Matrix Driver with Boost Converter
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
49 WLED Driver with Boost Converter
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
Asynchronies Boost WLED Driver
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com