Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3367GF Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3367GF
Description  6-Channel, Max.150mA/Ch Boost WLED Driver with 15000:1 Dim Ratio and I²C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3367GF Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3367GF Datasheet HTML 1Page - Monolithic Power Systems MP3367GF Datasheet HTML 2Page - Monolithic Power Systems MP3367GF Datasheet HTML 3Page - Monolithic Power Systems MP3367GF Datasheet HTML 4Page - Monolithic Power Systems MP3367GF Datasheet HTML 5Page - Monolithic Power Systems MP3367GF Datasheet HTML 6Page - Monolithic Power Systems MP3367GF Datasheet HTML 7Page - Monolithic Power Systems MP3367GF Datasheet HTML 8Page - Monolithic Power Systems MP3367GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
MP3367
– 6-CHANNEL BOOST WLED DRIVER WITH HIGH DIM RATIO AND I2C
MP3367 Rev. 1.0
www.MonolithicPower.com
5
6/17/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
QFN-24
Pin #
TSSOP28-
EP Pin #
Name
Description
9
13
ISET
LED current setting. Tie a current-setting resistor from ISET to GND to
program the current in each LED string.
10
14
AGND
Analog ground.
11
15
LED6
LED string 6 current input. Connect the LED string 6 cathode to this pin.
12
16
LED5
LED string 5 current input. Connect the LED string 5 cathode to this pin.
13
17
LED4
LED string 4 current input. Connect the LED string 4 cathode to this pin.
14
18
LED3
LED string 3 current input. Connect the LED string 3 cathode to this pin.
15
19
LED2
LED string 2 current input. Connect the LED string 2 cathode to this pin.
16
20
LED1
LED string 1 current input. Connect the LED string 1 cathode to this pin.
17
21
PGND
Step-up converter power ground.
18
23
SW
Drain for the internal low-side MOSFET switch. Connect the power
inductor to SW.
19
25
OVP
Over-voltage protection pin. Connect a resistor divider from OVP to GND
to program the OVP threshold.
20
26
STH
Short LED protection threshold set pin. STH is a current source output
(18
μA). Connect a resistor to program its voltage. Float this pin if the internal
short LED protection threshold set register TH_S 1:0 is used.
21
27
FSP
Switching frequency spread spectrum pin. FSP is a current source output
(18
μA). Connect a resistor to program its voltage. Float this pin to follow the
internal register setting.
22
28
VCC
5V LDO output pin. VCC provides power for the internal logic and gate
driver. Place a ceramic capacitor as close to this pin as possible to reduce
noise.
23
1
SD
External disconnect PMOS gate drive pin. Turn off the external PMOS in
fault condition. Float this pin if not used.
24
3
VIN
Power supply input. VIN supplies power to the IC.
2, 4, 22, 24
NC
No connection.
Exposed
pad
Exposed
pad
AGND
Chip ground. Connect exposed pad to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com