Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3367GF Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP3367GF
Description  6-Channel, Max.150mA/Ch Boost WLED Driver with 15000:1 Dim Ratio and I²C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3367GF Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP3367GF Datasheet HTML 16Page - Monolithic Power Systems MP3367GF Datasheet HTML 17Page - Monolithic Power Systems MP3367GF Datasheet HTML 18Page - Monolithic Power Systems MP3367GF Datasheet HTML 19Page - Monolithic Power Systems MP3367GF Datasheet HTML 20Page - Monolithic Power Systems MP3367GF Datasheet HTML 21Page - Monolithic Power Systems MP3367GF Datasheet HTML 22Page - Monolithic Power Systems MP3367GF Datasheet HTML 23Page - Monolithic Power Systems MP3367GF Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MP3367
– 6-CHANNEL BOOST WLED DRIVER WITH HIGH DIM RATIO AND I2C
MP3367 Rev. 1.0
www.MonolithicPower.com
20
6/17/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Table 2: Function Set Register 2
Addr: 0x01
Bit
Bit Name
Access
Default
Description
7
PSE
RW
0
Phase shift enable bit.
0: Phase shift disabled
1: Phase shift enabled
6:5
TH_S1:0
RW
01
LED short protection threshold set bit.
00: 2.5V
01: 5V
10: 7.5V
11: 10V
4:3
FSW1:0
RW
01
Switching frequency set bit.
00: 200kHz
01: 400kHz
10: 1MHz
11: 2.2MHz
Float FREQ if this register is used.
2:0
CH2:0
RW
000
Channel selection bit.
000: All six channels are in use
001: LED1-5 in use
010: LED1-4 in use
011: LED1-3 in use
100: LED1-2 in use
101: LED1 in use
110, 111: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com