Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3367GF Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP3367GF
Description  6-Channel, Max.150mA/Ch Boost WLED Driver with 15000:1 Dim Ratio and I²C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3367GF Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP3367GF Datasheet HTML 13Page - Monolithic Power Systems MP3367GF Datasheet HTML 14Page - Monolithic Power Systems MP3367GF Datasheet HTML 15Page - Monolithic Power Systems MP3367GF Datasheet HTML 16Page - Monolithic Power Systems MP3367GF Datasheet HTML 17Page - Monolithic Power Systems MP3367GF Datasheet HTML 18Page - Monolithic Power Systems MP3367GF Datasheet HTML 19Page - Monolithic Power Systems MP3367GF Datasheet HTML 20Page - Monolithic Power Systems MP3367GF Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
MP3367
– 6-CHANNEL BOOST WLED DRIVER WITH HIGH DIM RATIO AND I2C
MP3367 Rev. 1.0
www.MonolithicPower.com
17
6/17/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
The short protection threshold can be set one of
two ways:
The first option is to connect a resistor at STH.
STH outputs an 18
μA current source. The short
protection threshold is 10 times the voltage on
STH. The threshold is calculated using Equation
(3):
V_STH(V) = 0.18 × R_STH(kΩ)
(3)
The second option is to set the internal register
TH_S1:0 when STH is floating.
When the LEDX voltage exceeds the threshold
for 480ms (DPWM = 100%), all strings are marked
off. The IC remains on standby until the strings
release from shorting. Enable or disable this
function through SEN.
The marked-off string sends a 10
μs pulse
current to check if a short fault is removed after
every 500
μs delay, so short string protection is
recoverable.
Short LEDX to GND Protection
When LEDX shorts to GND, the COMP voltage
increases and saturates. When the COMP
saturated time lasts for 20ms or 40ms (the time
can be selected by the internal register bit
TCOMP), protection is triggered. Then FF pulls
low and SD pulls high to turn on the external P-
MOSFET. The IC also latches off.
Short VOUT to GND Protection
When VOUT shorts to GND, the output voltage
decreases. When the voltage of the OVP pin hits
the OVP UVLO threshold for 10
μs, the protection
is triggered and SD pulls high to turn off the
external P-MOSFET. VOUT disconnects from
VIN and the IC latches off.
Cycle-by-Cycle Current Limit
To prevent the external components from
exceeding the current stress rating, the IC has a
cycle-by-cycle current limit protection. When the
current exceeds the current limit value, the IC
stops switching until the next clock cycle.
Latch-Off Current Limit Protection
Device damage may be caused by extreme
conditions, such as an inductor or diode short to
GND. To avoid this, the MP3367 provides a
latch-off current limit protection when the current
flowing through the internal MOSFET hits the
threshold (7.5A), and lasts for five switching
cycles.
Thermal Protection
To prevent the IC from damage when operating
at exceedingly high temperatures, the MP3367
implements thermal protection by detecting the
silicon die temperature.
Over-Temperature LED Current Decrement
When the die temperature exceeds 140°C, the
MP3367
automatically
decreases
the
LED
current amplitude (see Figure 6).
140
Temperature (°C)
ILED
Figure 6: ILED Decrease with Temperature
This function is enabled by the over-temperature
current decrement bit (OTID).
When OTID = 0, the over-temperature current
decrement is disabled.
When OTID = 1 (default), the over-temperature
current decrement is enabled.
Thermal Shutdown
When the die temperature exceeds the upper
threshold (TST), the IC shuts down. When the
temperature drops below the lower threshold,
the IC recovers to normal operation. The
hysteresis value is typically 20°C.
I2C Interface Register Description
I2C Chip Address
The 7-bit MSB device address is 0x38. After the
start condition, the I2C-compatible master sends
a 7-bit address followed by an eighth read (read:
1) or write (write: 0) bit.
The following bit indicates the register address
to/from which the data will be written/read:
0
0
1
1
1
0
R/W
0
The I2C-Compatible Device Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com