Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9507D Datasheet (PDF) - NXP Semiconductors

PCA9507D Datasheet PDF - NXP Semiconductors
Part # PCA9507D
Download  PCA9507D Download
File Size   128.87 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-wire serial bus extender for HDMI DDC I2C-bus and SMBus

PCA9507D Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9507D Datasheet PDF - NXP Semiconductors

Part # PCA9507D
Download  PCA9507D Click to download

File Size   128.87 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-wire serial bus extender for HDMI DDC I2C-bus and SMBus

PCA9507D Datasheet (HTML) - NXP Semiconductors


PCA9507D Product details

General description

The PCA9507 is a 2-wire serial bus extender providing 3.3 V to 5 V level shift that allows up to 18 meters bus extension for reliable DDC, I2C-bus or SMBus applications. While retaining all the operating modes and features of the I2C-bus system during the level shifts, it also permits extension of the I2C-bus by providing bidirectional buffering for both the data (SDA) and the clock (SCL) line as well as the rise time accelerator on port A enabling the bus to drive a load up to 1400 pF or distance of 18 m on port A, and 400 pF

on port B. Using the PCA9507 enables the system designer to isolate bus capacitance to meet HDMI DDC version 1.3 distance specification. The SDA and SCL pins are overvoltage tolerant and are high-impedance when the PCA9507 is unpowered.



Features

2 channel, bidirectional buffer isolates capacitance allowing 1400 pF on port A and 400 pF on port B

Exceeds 18 meters (above the maximum distance for HDMI DDC)

Rise time accelerator and normal I/O on port A

Static level offset on port B

Voltage level translation from 2.7 V to 5.5 V

Upgrade replacement over PCA9517 for cable application

I

2

C-bus, SMBus and DDC-bus compatible

Active HIGH buffer enable input

Open-drain input/outputs

Lock-up free operation

Supports arbitration and clock stretching across the repeater

Accommodates Standard-mode and Fast-mode I2C-bus devices and multiple masters

Powered-off high-impedance I2C-bus pins

Port A operating supply voltage range of 2.7 V to 5.5 V

Port B operating supply voltage range of 2.7 V to 5.5 V

5 V tolerant I2C-bus and enable pins

0 Hz to 400 kHz clock frequency (the maximum system operating frequency may be less than 400 kHz because of the delays added by the repeater)

ESD protection exceeds 5000 V HBM per JESD22-A114, 400 V MM per JESD22-A115, and 1000 V CDM per JESD22-C101

Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA

Packages offered: SO8 and TSSOP8



 




Similar Part No. - PCA9507D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9507 NXP-PCA9507 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results


Similar Description - PCA9507D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
82B715 PHILIPS-82B715 Datasheet
96Kb / 10P
I2C bus extender
1998 Jan 09
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
logo
Rohm
BU9883FV-W ROHM-BU9883FV-W Datasheet
630Kb / 19P
I2C BUS 3Ports for HDMI Port Serial EEPROM
logo
NXP Semiconductors
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
I2C-bus extender
Rev. 08-9 November 2009
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9527 NXP-PCA9527 Datasheet
146Kb / 22P
3-channel bidirectional bus extender for HDMI, I2C-bus and SMBus
Rev. 01-29 June 2009
logo
Texas Instruments
P82B715 TI-P82B715 Datasheet
642Kb / 17P
I2C BUS EXTENDER
logo
NXP Semiconductors
P82B715TD-T NXP-P82B715TD-T Datasheet
155Kb / 23P
I2C-bus extender
Rev. 08-9 November 2009
logo
Texas Instruments
P82B715 TI1-P82B715_16 Datasheet
896Kb / 22P
I2C Bus Extender
logo
Maxim Integrated Produc...
MAX3816A MAXIM-MAX3816A Datasheet
349Kb / 18P
I2C 2-Wire Extender for DDC in DVI, HDMI, and VGA Interfaces
19-4109; Rev 0; 7/08
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com