Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9507D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9507D
Description  2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9507D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9507D Datasheet HTML 4Page - NXP Semiconductors PCA9507D Datasheet HTML 5Page - NXP Semiconductors PCA9507D Datasheet HTML 6Page - NXP Semiconductors PCA9507D Datasheet HTML 7Page - NXP Semiconductors PCA9507D Datasheet HTML 8Page - NXP Semiconductors PCA9507D Datasheet HTML 9Page - NXP Semiconductors PCA9507D Datasheet HTML 10Page - NXP Semiconductors PCA9507D Datasheet HTML 11Page - NXP Semiconductors PCA9507D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PCA9507_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 7 February 2008
8 of 20
NXP Semiconductors
PCA9507
2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
According to Figure 6, when port A of the PCA9507 is pulled LOW by a driver on the
I2C-bus, a comparator detects the falling edge when it goes below 0.3VCC(A) and causes
the internal driver on port B to turn on, causing port B to pull down to about 0.5 V. When
port B of the PCA9507 falls, first a CMOS hysteresis type input detects the falling edge
and causes the internal driver on port A to turn on and pull the port A pin down to ground.
In order to illustrate what would be seen in a typical application, refer to Figure 11 and
Figure 12.
If the bus master in Figure 6 were to write to the slave through the PCA9507, waveforms
shown in Figure 11 would be observed on the A bus. This looks like a normal I2C-bus
transmission except that the HIGH level may be as low as 2.7 V, and the turn on and turn
off of the acknowledge signals are slightly delayed.
The master drives the B bus to ground or lets it float to VCC(B) as it sends data to the slave
at the falling edge of the 8th clock, master releases SDAB on the B bus and slave pulls
SDAA on the A bus to ground, causing the PCA9507 to pull SDAB on the B bus to 0.5 V.
At the falling edge of the 9th clock, the master again drives the B bus and slave releases
the A bus.
Multiple PCA9507 port A sides can be connected in a star configuration (Figure 9),
allowing all nodes to communicate with each other.
Multiple PCA9507s can be connected in series (Figure 10) as long as port A is connected
to port B. I2C-bus slave devices can be connected to any of the bus segments. The
number of devices that can be connected in series is limited by repeater
delay/time-of-flight considerations on the maximum bus speed requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com