Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9507D Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9507D
Description  2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9507D Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9507D Datasheet HTML 8Page - NXP Semiconductors PCA9507D Datasheet HTML 9Page - NXP Semiconductors PCA9507D Datasheet HTML 10Page - NXP Semiconductors PCA9507D Datasheet HTML 11Page - NXP Semiconductors PCA9507D Datasheet HTML 12Page - NXP Semiconductors PCA9507D Datasheet HTML 13Page - NXP Semiconductors PCA9507D Datasheet HTML 14Page - NXP Semiconductors PCA9507D Datasheet HTML 15Page - NXP Semiconductors PCA9507D Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
PCA9507_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 7 February 2008
12 of 20
NXP Semiconductors
PCA9507
2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
[1]
LOW-level supply voltage.
[2]
VIL specification is for the first LOW level seen by the SDAB/SCLB lines. VILc is for the second and subsequent LOW levels seen by the
SDAB/SCLB lines.
[3]
VIL for port A with envelope noise must be below 0.3VCC(A) for stable performance.
10. Dynamic characteristics
[1]
Times are specified with loads of 1.35 k
Ω pull-up resistance and 57 pF load capacitance on port B, and 450 Ω pull-up resistance and
57 pF load capacitance on port A. Different load resistance and capacitance will alter the RC time constant, thereby changing the
propagation delay and transition times.
[2]
Pull-up voltages are VCC(A) on port A and VCC(B) on port B.
[3]
Typical values were measured with VCC(A) = 3.3 V at Tamb =25 °C, unless otherwise noted.
[4]
The tPLH delay data from port B to port A is measured at 0.5 V on port B to 0.3VCC(A) on port A.
[5]
The proportional delay data from port A to port B is measured at 0.3VCC(A) on port A to 0.3VCC(B) on port B.
[6]
The enable pin, EN, should only change state when the global bus and the repeater port are in an idle state.
Enable
VIL
LOW-level input voltage
−0.5
-
+0.3VCC(B) V
VIH
HIGH-level input voltage
0.7VCC(B) -
5.5
V
IIL(EN)
LOW-level input current on pin
EN
VI = 0.2 V, EN; VCC = 3.6 V
-
−10
−30
µA
ILI
input leakage current
VI =VCC
−1-
+1
µA
Ci
input capacitance
VI = 3.0 V or 0 V
-
6
7
pF
Table 5.
Static characteristics …continued
VCC =2.7 V to 5.5 V; GND=0V; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 6.
Dynamic characteristics
VCC =2.7 V to 5.5 V; GND=0V; Tamb = −40 °Cto+85 °C; unless otherwise specified.[1][2]
Symbol
Parameter
Conditions
Min
Typ[3]
Max
Unit
tPLH
LOW-to-HIGH propagation delay
port B to port A; Figure 15
[4] 90
165
350
ns
tPHL
HIGH-to-LOW propagation delay
port B to port A; Figure 13
55
91
180
ns
tTLH
LOW to HIGH output transition time
port A; Figure 13
22
48
80
ns
tTHL
HIGH to LOW output transition time
port A; Figure 13
20
42
100
ns
tPLH
LOW-to-HIGH propagation delay
port A to port B; Figure 14
[5] 140
218
310
ns
tPHL
HIGH-to-LOW propagation delay
port A to port B; Figure 14
[5] 130
91
330
ns
tTLH
LOW to HIGH output transition time
port B; Figure 14
100
173
260
ns
tTHL
HIGH to LOW output transition time
port B; Figure 14
20
39
100
ns
tsu
set-up time
EN HIGH before START condition
[6] 100
-
-
ns
th
hold time
EN HIGH after STOP condition
[6] 100
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com