Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9507D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9507D
Description  2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9507D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9507D Datasheet HTML 9Page - NXP Semiconductors PCA9507D Datasheet HTML 10Page - NXP Semiconductors PCA9507D Datasheet HTML 11Page - NXP Semiconductors PCA9507D Datasheet HTML 12Page - NXP Semiconductors PCA9507D Datasheet HTML 13Page - NXP Semiconductors PCA9507D Datasheet HTML 14Page - NXP Semiconductors PCA9507D Datasheet HTML 15Page - NXP Semiconductors PCA9507D Datasheet HTML 16Page - NXP Semiconductors PCA9507D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
PCA9507_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 7 February 2008
13 of 20
NXP Semiconductors
PCA9507
2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
10.1 AC waveforms
11. Test information
Fig 13. Propagation delay and transition times;
port B to port A
Fig 14. Propagation delay and transition times;
port A to port B
Fig 15. Propagation delay
002aad432
VCC(B)
1.2 V
tPLH
tTHL
0.3VCC(B)
0.3VCC(B)
input
output
20 %
0.3VCC(A) 0.3VCC(A)
80 %
20 %
80 %
tPHL
tTLH
VOL
0.1 V
002aad433
VCC(A)
VCC(B)
tPLH
tTHL
0.3VCC(A)
0.3VCC(A)
input
output
20 %
0.3VCC(B) 0.3VCC(B)
80 %
20 %
80 %
tPHL
tTLH
0.5 V
input
SDAB, SCLB
output
SCLA, SDAA
tPLH
002aad434
0.3VCC(A)
RL = load resistor; 1.35 kΩ on port B (2.7 V to 5 V) and 450 Ω on port A (2.7 V to 5.5 V).
CL = load capacitance includes jig and probe capacitance; 57 pF.
RT = termination resistance should be equal to Zo of pulse generators.
Fig 16. Test circuit for open-drain outputs
PULSE
GENERATOR
VO
CL
RL
002aab649
RT
VI
VCC(B)
VCC(B)
DUT
VCC(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com