Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9507D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9507D
Description  2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9507D Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9507D Datasheet HTML 1Page - NXP Semiconductors PCA9507D Datasheet HTML 2Page - NXP Semiconductors PCA9507D Datasheet HTML 3Page - NXP Semiconductors PCA9507D Datasheet HTML 4Page - NXP Semiconductors PCA9507D Datasheet HTML 5Page - NXP Semiconductors PCA9507D Datasheet HTML 6Page - NXP Semiconductors PCA9507D Datasheet HTML 7Page - NXP Semiconductors PCA9507D Datasheet HTML 8Page - NXP Semiconductors PCA9507D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PCA9507_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 7 February 2008
3 of 20
NXP Semiconductors
PCA9507
2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
5.
Pinning information
5.1 Pinning
5.2 Pin description
6.
Functional description
Refer to Figure 1 “Functional diagram of PCA9507”.
The PCA9507 consists of a pair of bidirectional open-drain I/Os specifically designed to
support up-translation/down-translation between low voltages (as low as 2.7 V) and a
3.3 V or 5 V I2C-bus and SMBus. The device contains a rise time accelerator on port A
that enables the device to drive a long cable or a heavier capacitive load for DDC, I2C-bus
and SMBus applications. With dual supply rails, the device translates from voltage ranges
2.7 V to 5.5 V down to a voltage as low as 2.7 V without degradation of system
performance. All I/Os are overvoltage tolerant to 5.5 V even when the device is
un-powered (VCC(B) and/or VCC(A) = 0 V).
The PCA9507 includes a power-up circuit that keeps the output drivers turned off until
VCC(A) and VCC(B) rise above 2.7 V. VCC(A) and VCC(B) can be applied in any sequence at
power-up.
Fig 2.
Pin configuration for SO8
Fig 3.
Pin configuration for TSSOP8
PCA9507D
VCC(A)
VCC(B)
SCLA
SCLB
SDAA
SDAB
GND
EN
002aad399
1
2
3
4
6
5
8
7
PCA9507DP
VCC(A)
VCC(B)
SCLA
SCLB
SDAA
SDAB
GND
EN
002aad400
1
2
3
4
6
5
8
7
Table 2.
Pin description
Symbol
Pin
Description
VCC(A)
1
port A supply voltage (2.7 V to 5.5 V)
SCLA
2
serial clock port A bus with rise time accelerator for DDC line or cable,
5 V tolerant
SDAA
3
serial data port A bus with rise time accelerator for DDC line or cable,
5 V tolerant
GND
4
supply ground (0 V)
EN
5
active HIGH buffer enable input
SDAB
6
serial data port B bus with static level offset, 5 V tolerant
SCLB
7
serial clock port B bus with static level offset, 5 V tolerant
VCC(B)
8
port B supply voltage (2.7 V to 5.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com