Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet (PDF) - STMicroelectronics

SPC574KX Datasheet PDF - STMicroelectronics
Part # SPC574KX
Download  SPC574KX Download
File Size   4355.26 Kbytes
Page   160 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Power Architecture based MCU for automotive applications

SPC574KX Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC574KX Datasheet PDF - STMicroelectronics

Part # SPC574KX
Download  SPC574KX Click to download

File Size   4355.26 Kbytes
Page   160 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Power Architecture based MCU for automotive applications

SPC574KX Datasheet (HTML) - STMicroelectronics


SPC574KX Product details

Features
• AEC-Q100 qualified
• Two main 32-bit Power Architecture® VLE
compliant CPU core (e200z4), dual issue,
running in lockstep
– Single-precision floating point operations
– 16 KB local instruction SRAM and 64 KB
local data SRAM
– 4 KB I-Cache and 2 KB D-Cache
• One 32-bit Power Architecture® VLE compliant
I/O processor core (e200z2)
– Single-precision floating point operations
– Lightweight Signal Processing Auxiliary
Processing Unit (LSP APU) instruction
support for digital signal processing (DSP)
– 16 KB local instruction SRAM and 48 KB
local data SRAM
• 2624 KB on-chip flash memory
– Supporting EEPROM emulation (64 KB)
• 64 KB on-chip general-purpose SRAM
(+112 KB data RAM included in the CPUs)
• Multi-channel direct memory access controller
(eDMA) with 32 channels
• Dual interrupt controller (INTC)
• Dual phase-locked loops, including one
Frequency-modulated
• System integration unit lite (SIUL)
• Boot Assist Flash (BAF) supports factory
programming using a serial bootload through
the asynchronous CAN or LIN/UART
• Generic timer module (GTM122)
– Intelligent complex timer module
– 88 channels (24 input and 64 output)
– 3 programmable fine grain multi-threaded
cores
– 26 KB of dedicated SRAM
– Hardware support for engine control, motor
control and safety related applications
• Enhanced analog-to-digital converter system
with:
– 1 supervisor 12-bit SAR analog converter
– 4 separate fast 12-bit SAR analog
converters
– 2 separate 16-bit Sigma-Delta analog
converters
• 5 Deserial Serial Peripheral Interface (DSPI)
modules
• 5 LIN and UART communication interface
(LINFlexD) modules
• 3 MCAN interfaces with advanced shared
memory scheme, two supporting ISO CAN-FD
and one supporting TTCAN
• One Ethernet controller 10/100 Mbps,
compliant IEEE 802.3-2008
• Dual-channel FlexRay controller
• Nexus development interface (NDI) per IEEEISTO
5001-2003 standard, with partial support
for 2010 standard
• Device and board test support per Joint Test
Action Group (JTAG) (IEEE 1149.1)
• Single 5 V +/-10% Power supply supporting
cold start conditions (down to 3.0 V)
• Designed for eTQFP144 and eLQFP176




Similar Part No. - SPC574KX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC574K-DISP STMICROELECTRONICS-SPC574K-DISP Datasheet
168Kb / 4P
SPC574K-DISP: Discovery Evaluation Board
01-Aug-2018
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SPC574K72E5 STMICROELECTRONICS-SPC574K72E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SPC574K72E5 STMICROELECTRONICS-SPC574K72E5 Datasheet
168Kb / 4P
SPC574K-DISP: Discovery Evaluation Board
01-Aug-2018
SPC574KADPT144S STMICROELECTRONICS-SPC574KADPT144S Datasheet
228Kb / 4P
SPC574KADPT144S microcontroller premium evaluation board for SPC574Kx
01-Jul-2015
More results


Similar Description - SPC574KX

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
ARM-based 32-bit MCU
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
32-bit Power Architecture® based MCU for automotive powertrain applications
06-Jul-2017
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com