Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 1 Page - STMicroelectronics

  SPC574KX Datasheet HTML 1Page - STMicroelectronics SPC574KX Datasheet HTML 2Page - STMicroelectronics SPC574KX Datasheet HTML 3Page - STMicroelectronics SPC574KX Datasheet HTML 4Page - STMicroelectronics SPC574KX Datasheet HTML 5Page - STMicroelectronics SPC574KX Datasheet HTML 6Page - STMicroelectronics SPC574KX Datasheet HTML 7Page - STMicroelectronics SPC574KX Datasheet HTML 8Page - STMicroelectronics SPC574KX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 160 page
background image
This is information on a product in full production.
July 2017
DocID023601 Rev 6
1/160
SPC574Kx
32-bit Power Architecture® based MCU for automotive applications
Datasheet
- production data
Features
• AEC-Q100 qualified
• Two main 32-bit Power Architecture® VLE
compliant CPU core (e200z4), dual issue,
running in lockstep
– Single-precision floating point operations
– 16 KB local instruction SRAM and 64 KB
local data SRAM
– 4 KB I-Cache and 2 KB D-Cache
• One 32-bit Power Architecture® VLE compliant
I/O processor core (e200z2)
– Single-precision floating point operations
– Lightweight Signal Processing Auxiliary
Processing Unit (LSP APU) instruction
support for digital signal processing (DSP)
– 16 KB local instruction SRAM and 48 KB
local data SRAM
• 2624 KB on-chip flash memory
– Supporting EEPROM emulation (64 KB)
• 64 KB on-chip general-purpose SRAM
(+112 KB data RAM included in the CPUs)
• Multi-channel direct memory access controller
(eDMA) with 32 channels
• Dual interrupt controller (INTC)
• Dual phase-locked loops, including one
Frequency-modulated
• System integration unit lite (SIUL)
• Boot Assist Flash (BAF) supports factory
programming using a serial bootload through
the asynchronous CAN or LIN/UART
• Generic timer module (GTM122)
– Intelligent complex timer module
– 88 channels (24 input and 64 output)
– 3 programmable fine grain multi-threaded
cores
– 26 KB of dedicated SRAM
– Hardware support for engine control, motor
control and safety related applications
• Enhanced analog-to-digital converter system
with:
– 1 supervisor 12-bit SAR analog converter
– 4 separate fast 12-bit SAR analog
converters
– 2 separate 16-bit Sigma-Delta analog
converters
• 5 Deserial Serial Peripheral Interface (DSPI)
modules
• 5 LIN and UART communication interface
(LINFlexD) modules
• 3 MCAN interfaces with advanced shared
memory scheme, two supporting ISO CAN-FD
and one supporting TTCAN
• One Ethernet controller 10/100 Mbps,
compliant IEEE 802.3-2008
• Dual-channel FlexRay controller
• Nexus development interface (NDI) per IEEE-
ISTO 5001-2003 standard, with partial support
for 2010 standard
• Device and board test support per Joint Test
Action Group (JTAG) (IEEE 1149.1)
• Single 5 V +/-10% Power supply supporting
cold start conditions (down to 3.0 V)
• Designed for eTQFP144 and eLQFP176
eTQFP144
(20 mm × 20 mm × 1.0 mm)
eTQFP176 (24 x 24 x 1.4 mm)
www.st.com


Similar Part No. - SPC574KX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC574K-DISP STMICROELECTRONICS-SPC574K-DISP Datasheet
168Kb / 4P
SPC574K-DISP: Discovery Evaluation Board
01-Aug-2018
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SPC574K72E5 STMICROELECTRONICS-SPC574K72E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SPC574K72E5 STMICROELECTRONICS-SPC574K72E5 Datasheet
168Kb / 4P
SPC574K-DISP: Discovery Evaluation Board
01-Aug-2018
SPC574KADPT144S STMICROELECTRONICS-SPC574KADPT144S Datasheet
228Kb / 4P
SPC574KADPT144S microcontroller premium evaluation board for SPC574Kx
01-Jul-2015
More results

Similar Description - SPC574KX

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
ARM-based 32-bit MCU
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
32-bit Power Architecture® based MCU for automotive powertrain applications
06-Jul-2017
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com