Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 37 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 33Page - STMicroelectronics SPC574KX Datasheet HTML 34Page - STMicroelectronics SPC574KX Datasheet HTML 35Page - STMicroelectronics SPC574KX Datasheet HTML 36Page - STMicroelectronics SPC574KX Datasheet HTML 37Page - STMicroelectronics SPC574KX Datasheet HTML 38Page - STMicroelectronics SPC574KX Datasheet HTML 39Page - STMicroelectronics SPC574KX Datasheet HTML 40Page - STMicroelectronics SPC574KX Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 160 page
background image
DocID023601 Rev 6
37/160
SPC574Kx
Electrical characteristics
159
AUTOMOTIVE
VIHAUT(1)
SR
P Input high level
AUTOMOTIVE
4.5 V < VDD_HV_IO <5.5 V
3.8
—
VDD_HV_IO
+0.3
V
VILAUT(2)
SR
P Input low level
AUTOMOTIVE
4.5 V < VDD_HV_IO <5.5 V
–0.3
—
2.1(3)
V
VHYSAUT(4) —
C Input hysteresis
AUTOMOTIVE
4.5 V < VDD_HV_IO < 5.5 V
0.4(6)
——
V
VDRFTAUT
—
C Input VIL/VIH
temperature drift
4.5 V < VDD_HV_IO < 5.5 V
—
—
100(5)
mV
CMOS
VIHCMOS_H
(6)
SR
C Input high level CMOS
(with hysteresis)
3.0 V < VDD_HV_IO < 3.6 V
0.65 *
VDD_HV_IO
—VDD_HV_IO
+0.3
V
P4.5 V < VDD_HV_IO <5.5 V
VIHCMOS(6) SR
C Input high level CMOS
(without hysteresis)
3.0 V < VDD_HV_IO < 3.6 V
0.6 *
VDD_HV_IO
—VDD_HV_IO
+0.3
V
P4.5 V < VDD_HV_IO <5.5 V
VILCMOS_H(6) SR
C Input low level CMOS
(with hysteresis)
3.0 V < VDD_HV_IO < 3.6 V
–0.3
—
0.35 *
VDD_HV_IO
V
P4.5 V < VDD_HV_IO <5.5 V
VILCMOS(6) SR
C Input low level CMOS
(without hysteresis)
3.0 V < VDD_HV_IO < 3.6 V
–0.3
—
0.4 *
VDD_HV_IO
V
P4.5 V < VDD_HV_IO <5.5 V
VHYSCMOS
—
C Input hysteresis CMOS
3.0 V < VDD_HV_IO < 3.6 V
0.1 *
VDD_HV_IO
——
V
4.5 V < VDD_HV_IO <5.5 V(7)
VDRFTCMOS —
C Input VIL/VIH
temperature drift
CMOS
3.0 V < VDD_HV_IO < 3.6 V
—
—
100(5)
mV
4.5 V < VDD_HV_IO < 5.5 V
INPUT CHARACTERISTICS(8)
ILKG
CC
P
Digital input leakage
4.5 V < VDD_HV <5.5 V
0.1*VDD_HV < VIN < 0.9*VDD_HV
TJ < 150 °C
——
1
µA
ILKG_MED
CC
C Digital input leakage for
MEDIUM pad
4.5 V < VDD_HV<5.5V
VSS_HV <VIN <VDD_HV
—
—
500
nA
CIN
CC
D Digital input
capacitance
GPIO input pins
—
—
10
pF
Ethernet input pins
—
—
8
1. A good approximation for the variation of the minimum value with supply is given by formula VIHAUT =0.69×VDD_HV_IO.
2. A good approximation for the variation of the maximum value with supply is given by formula VILAUT =0.49×VDD_HV_IO.
3. Sum of VILAUT and VHYSAUT is guaranteed to remain above 2.6 V in the 4.5 V < VDD_HV_IO < 5.5 V. Production test done
with 2.06 V limit at cold, Tj <25 oC.
4. A good approximation of the variation of the minimum value with supply is given by formula VHYSAUT =0.11×VDD_HV_IO.
5. In a 1 ms period, assuming stable voltage and a temperature variation of ±30 °C, VIL/VIH shift is within ±50 mV. For SENT
requirement refer to Note: on page 46.
Table 18. I/O input DC electrical characteristics(Continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com