Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 21Page - STMicroelectronics SPC574KX Datasheet HTML 22Page - STMicroelectronics SPC574KX Datasheet HTML 23Page - STMicroelectronics SPC574KX Datasheet HTML 24Page - STMicroelectronics SPC574KX Datasheet HTML 25Page - STMicroelectronics SPC574KX Datasheet HTML 26Page - STMicroelectronics SPC574KX Datasheet HTML 27Page - STMicroelectronics SPC574KX Datasheet HTML 28Page - STMicroelectronics SPC574KX Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 160 page
background image
DocID023601 Rev 6
25/160
SPC574Kx
Electrical characteristics
159
3.4
Electromagnetic compatibility (EMC)
STORAGE
— Maximum storage time, assembled
part programmed in ECU
No supply; storage
temperature in range –40
°C to 85 °C
—20
years
TSDR
T
Maximum solder temperature(12)
Pb-free package
——
260
°C
MSL
T
Moisture sensitivity level(13)
——
3
—
tXRAY
T
X-ray screen time
At 80÷130 KV; 20÷50 µA;
max 1 Gy dose
—200
ms
1. Functional operating conditions are given in the DC electrical specifications. Absolute maximum ratings are stress ratings
only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect device
reliability or cause permanent damage to the device.
2. Allowed 1.45 – 1.5 V for 60 seconds cumulative time at maximum TJ = 125 °C, remaining time as defined in note 3 and
note 4
3. Allowed 1.375 – 1.45 V for 10 hours cumulative time at maximum TJ = 125 °C, remaining time as defined in note 4
4. 1.32 – 1.375 V range allowed periodically for supply with sinusoidal shape and average supply value below 1.288 V at
maximum TJ = 125 °C
5. VDD_HV_IO refers to supply pins VDD_HV_IO_MAIN, VDD_HV_IO_JTAG, VDD_HV_IO_FLEX, VDD_HV_OSC, VDD_HV_FLA.
6. Allowed 5.5–6.0 V for 60 seconds cumulative time with no restrictions, for 10 hours cumulative time device in reset, TJ
= 125 °C, remaining time at or below 5.5 V.
7. Includes ADC supplies VDD_HV_ADV_S and VDD_HV_ADV_D. VDD_HV_ADV is also the supply for the device temperature
sensor and bandgap reference.
8. The maximum input voltage on an I/O pin tracks with the associated I/O supply maximum. For the injection current
condition on a pin, the voltage equals the supply plus the voltage drop across the internal ESD diode from I/O pin to supply.
The diode voltage varies significantly across process and temperature, but a value of 0.3V can be used for nominal
calculations.
9. VDD_HV_IO/VSS_HV_IO refers to supply pins and corresponding grounds: VDD_HV_IO_MAIN, VDD_HV_IO_FLEX, VDD_HV_IO_JTAG,
VDD_HV_OSC, VDD_HV_FLA.
10. Relative value can be exceeded if design measures are taken to ensure injection current limitation (parameters IINJD and
IINJA).
11. Sum of all controller pins (including both digital and analog) must not exceed 200 mA. A VDD_HV_IO power segment is
defined as one or more GPIO pins located between two VDD_HV_IO supply pins.
12. Solder profile per IPC/JEDEC J-STD-020D.
13. Moisture sensitivity per JEDEC test method A112.
Table 7. Absolute maximum ratings(1)(Continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
Table 8 and Table 9 describe the EMC characteristics of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com