Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 44 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 44 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 40Page - STMicroelectronics SPC574KX Datasheet HTML 41Page - STMicroelectronics SPC574KX Datasheet HTML 42Page - STMicroelectronics SPC574KX Datasheet HTML 43Page - STMicroelectronics SPC574KX Datasheet HTML 44Page - STMicroelectronics SPC574KX Datasheet HTML 45Page - STMicroelectronics SPC574KX Datasheet HTML 46Page - STMicroelectronics SPC574KX Datasheet HTML 47Page - STMicroelectronics SPC574KX Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 160 page
background image
Electrical characteristics
SPC574Kx
44/160
DocID023601 Rev 6
Table 23 shows the VERY STRONG configuration output buffer electrical characteristics.
3. CL is the sum of external capacitance. Device and package capacitances (CIN, defined in Table 18) are to be added to
calculate total signal capacitance (CTOT = CL + CIN).
4. Transition time maximum value is approximated by the following formula: tTR_S(ns) = 4.5 ns + CL(pF) x 0.23 ns/pF.
5. Only for VDD_HV_IO_JTAG segment when VSIO[VSIO_IJ] = 0 or VDD_HV_IO_FLEX segment when VSIO[VSIO_IF] = 0
Table 23. VERY STRONG configuration output buffer electrical characteristics(1)
Symbol
C
Parameter
Conditions(2)
Value(3)
Unit
Min
Typ
Max
ROH_V
CC
P
PMOS output impedance
VERY STRONG
configuration
VDD_HV_IO =5.0 V±10%,
VSIO[VSIO_xx] = 1,
IOH = 8 mA
——
60
Ω
CVDD_HV_IO =3.3 V±10%,
VSIO[VSIO_xx] = 0,
IOH = 7 mA(4)
——
85
ROL_V
CC
P
NMOS output impedance
VERY STRONG
configuration
VDD_HV_IO =5.0 V±10%,
VSIO[VSIO_xx] = 1,
IOL = 8 mA
——
60
Ω
CVDD_HV_IO =3.3 V±10%,
VSIO[VSIO_xx] = 0,
IOL = 7 mA(4)
——
85
fMAX_V
CC
T
Output frequency
VERY STRONG
configuration
VDD_HV_IO =5.0 V±10%,
VSIO[VSIO_xx] = 1,
CL = 25 pF(5)
——
50
MHz
VDD_HV_IO =3.3 V±10%,
VSIO[VSIO_xx] = 1,
CL = 15 pF(4),(5)
——
50
tTR_V
CC
T
10–90% threshold
transition time output pin
VERY STRONG
configuration
VDD_HV_IO =5.0 V±10%,
VSIO[VSIO_xx] = 1,
CL = 25 pF(5)
1—
5.3
ns
VDD_HV_IO =5.0 V±10%,
VSIO[VSIO_xx] = 1,
CL = 50 pF(5)
2.5
—
12
VDD_HV_IO =5.0 V±10%,
VSIO[VSIO_xx] = 1,
CL = 200 pF(5)
11
—
45
tTR20-80
CC
D
20–80% threshold
transition time(6) output pin
VERY STRONG
configuration
VDD_HV_IO =5.0 V±10%,
VSIO[VSIO_xx] = 1,
CL = 25 pF(5)
0.8
—
4
ns
VDD_HV_IO = 3.3 V ± 10%,
CL = 15 pF(5)
1—5
tTRTTL
CC
D
TTL threshold transition
time(7) for output pin in
VERY STRONG
configuration
VDD_HV_IO = 3.3 V ± 10%,
CL = 25 pF(5)
1—5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com