Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 31 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 27Page - STMicroelectronics SPC574KX Datasheet HTML 28Page - STMicroelectronics SPC574KX Datasheet HTML 29Page - STMicroelectronics SPC574KX Datasheet HTML 30Page - STMicroelectronics SPC574KX Datasheet HTML 31Page - STMicroelectronics SPC574KX Datasheet HTML 32Page - STMicroelectronics SPC574KX Datasheet HTML 33Page - STMicroelectronics SPC574KX Datasheet HTML 34Page - STMicroelectronics SPC574KX Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 160 page
background image
DocID023601 Rev 6
31/160
SPC574Kx
Electrical characteristics
159
VSS_HV_ADR
SR P SD ADC ground
reference voltage
—VSS_HV_ADV
V
VSS_HV_ADR_D –
VSS_HV_ADV
SR D VSS_HV_ADR_D
differential voltage
—
–25
—
25
mV
VDD_HV_ADR_S(12) SR P SARADC reference
—
4.5
—
5.5
V
C4.0
5.9
C2.0
4.0
VDD_HV_ADR_S –
VDD_HV_ADV
SR D SARADC reference
differential voltage
——
—
25
mV
VSS_HV_ADR_S –
VSS_HV_ADV
SR D VSS_HV_ADR_S
differential voltage
—
–25
—
25
mV
VSS_HV_ADV – VSS SR D VSS_HV_ADV
differential voltage
—
–25
—
25
mV
VRAMP_HV
SR D Slew rate on HV
power supply pins
——
—
100
V/ms
VIN
SR C I/O input voltage
range
—0
—
5.5
V
Injection current
IIC
SR
T DC injection current
(per pin)(13),(14),(15)
Digital pins and
analog pins
–3.0
—
3.0
mA
IMAXSEG
SR D Maximum current per
power segment(16)
—
–80
—
80
mA
1. The ranges in this table are design targets and actual data may vary in the given range.
2. Maximum operating frequency is applicable to the computational cores and platform for the device. See the Clocking
chapter in the SPC574Kxx Microcontroller Reference Manual for more information on the clock limitations for the various IP
blocks on the device.
3. Core voltage as measured on device pin to guarantee published silicon performance.
4. During power ramp, voltage measured on silicon might be lower. Maximum performance is not guaranteed, but correct
silicon operation is guaranteed. Refer to the Power Management and Reset Generation Module chapters in the
SPC574Kxx Microcontroller Reference Manual for further information.
5. Maximum voltage is not permitted for entire product life. See Table 7: Absolute maximum ratings.
6. When internal LVD/HVDs are disabled, external monitoring is required to guarantee correct device operation.
7. Reduced output/input capabilities below 4.2 V. See performance derating values in I/O pad electrical characteristics
8. VDD_HV_IO_JTAG supply is shorted with VDD_HV_OSC supply within package.
9. VDD_HV_PMC is shorted with VDD_HV_IO_MAIN in the package.
10. Flash read operation is supported for a minimum VDD_HV_FLA value of 3.0 V. Flash read, program, and erase operations
are supported for a minimum VDD_HV_FLA value of 3.0 V.
11. This voltage can be measured on the pin but is not supplied by an external regulator. The Power Management Controller
generates PORs based on this voltage.
12. VDD_HV_ADR_S must be between 4.5 V and 5.5 V for accurate reading of the device Temperature Sensor.
13. Full device lifetime without performance degradation
14. I/O and analog input specifications are only valid if the injection current on adjacent pins is within these limits. See Table 7:
Absolute maximum ratings for maximum input current for reliability requirements.
Table 12. Device operating conditions(1)(Continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com