Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 97 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 97 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 93Page - STMicroelectronics SPC574KX Datasheet HTML 94Page - STMicroelectronics SPC574KX Datasheet HTML 95Page - STMicroelectronics SPC574KX Datasheet HTML 96Page - STMicroelectronics SPC574KX Datasheet HTML 97Page - STMicroelectronics SPC574KX Datasheet HTML 98Page - STMicroelectronics SPC574KX Datasheet HTML 99Page - STMicroelectronics SPC574KX Datasheet HTML 100Page - STMicroelectronics SPC574KX Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 160 page
background image
DocID023601 Rev 6
97/160
SPC574Kx
Electrical characteristics
159
3.19.2.1
DSPI master mode full duplex timing with CMOS and LVDS pads
3.19.2.1.1 DSPI CMOS Master Mode – Classic Timing
LVDS (Master mode)
Full duplex – Modified timing (Table 55)33
Output only mode TSB mode (SCK/SOUT/PCS) (Table 56)40
CMOS Slave mode
Full duplex (Table 58)16
1. Maximum usable frequency can be achieved if used with fastest configuration of the highest drive pads.
2. Maximum usable frequency does not take into account external device propagation delay.
Table 52. DSPI channel frequency support(Continued)
DSPI use mode
Max usable
frequency (MHz)(1),(2)
Table 53. DSPI CMOS master classic timing (full duplex and output only) – MTFE = 0, CPHA = 0 or
1(1)
#
Symbol
C
Characteristic
Condition
Value(2)
Unit
Pad drive(3)
Load (CL)Min
Max
1tSCK
CC D SCK cycle time
SCK drive strength
Very strong
25 pF
33.0
—
ns
Strong
50 pF
80.0
—
Medium
50 pF
200.0
—
2tCSC
CC D PCS to SCK delay SCK and PCS drive strength
Very strong
25 pF
(N(4) × tSYS(5))–
16
—ns
Strong
50 pF
(N(4) × tSYS(5))–
16
—
Medium
50 pF
(N(4) × tSYS(5))–
16
—
PCS medium
and SCK strong
PCS = 50 pF
SCK = 50 pF
(N(4) × tSYS(5))–
29
—
3tASC
CC D After SCK delay
SCK and PCS drive strength
Very strong
PCS = 0 pF
SCK = 50 pF
(M(6) × tSYS(5))–
35
—ns
Strong
PCS = 0 pF
SCK = 50 pF
(M(6) × tSYS(5))–
35
—
Medium
PCS = 0 pF
SCK = 50 pF
(M(6) × tSYS(5))–
35
—
PCS medium
and SCK strong
PCS = 0 pF
SCK = 50 pF
(M(6) × tSYS(5))–
35
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com