Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 20Page - STMicroelectronics SPC574KX Datasheet HTML 21Page - STMicroelectronics SPC574KX Datasheet HTML 22Page - STMicroelectronics SPC574KX Datasheet HTML 23Page - STMicroelectronics SPC574KX Datasheet HTML 24Page - STMicroelectronics SPC574KX Datasheet HTML 25Page - STMicroelectronics SPC574KX Datasheet HTML 26Page - STMicroelectronics SPC574KX Datasheet HTML 27Page - STMicroelectronics SPC574KX Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 160 page
background image
Electrical characteristics
SPC574Kx
24/160
DocID023601 Rev 6
VDD_LV_BD
D
1.2 V Emulation module supply
(3),(3),(4)
—–0.3
1.5
V
VDD_HV_IO(5)
D
I/O supply voltage(6)
—–0.3
6.0
V
VDD_HV_IO_BD
D
I/O Emulation module supply
—
–0.3
6.0
V
VDD_HV_PMC
D
Power Management Controller
supply voltage(6)
—–0.3
6.0
V
VSS_HV_ADV
D
SAR and S/D ADC ground voltage Reference to VSS_HV
–0.3
0.3
V
VDD_HV_ADV(7)
D
SAR and S/D ADC supply voltage Reference to VSS_HV_ADV –0.3
6.0
V
VSS_HV_ADR_D
D
S/D ADC ground reference
—
–0.3
0.3
V
VDD_HV_ADR_D
D
S/D ADC voltage reference
Reference to
VSS_HV_ADR_D
–0.3
6.0
V
VSS_HV_ADR_S
D
SAR ADC ground reference
—
–0.3
0.3
V
VDD_HV_ADR_S
D
SAR ADC voltage reference
Reference to
VSS_HV_ADR_S
–0.3
6.0
V
VDD_LV_BD –VDD_LV
— Emulation module supply
differential to 1.2 V core supply
—–0.3
1.5
V
VSS –VSS_HV_ADR_D
DVSS_HV_ADR_D differential voltage
—
–0.3
0.3
V
VSS –VSS_HV_ADR_S
DVSS_HV_ADR_S differential voltage
—
–0.3
0.3
V
VSS_HV –
VSS_HV_ADV
DVSS_HV_ADV differential voltage
—
–0.3
0.3
V
VIN
D
I/O input voltage range(8)
—–0.3
6.0
V
Relative to
VSS_HV_IO(9),(10)
–0.3
—
Relative to
VDD_HV_IO(9),(10)
—0.3
Relative to VDD_HV_ADV
—0.3
IINJD
T
Maximum DC injection current for
digital pad
Per pin, applies to all digital
pins
–5
5
mA
IINJA
T
Maximum DC injection current for
analog pad
Per pin, applies to all
analog pins
–5
5
mA
IMAXD
SR Maximum output DC current when
driven
Medium
−78
mA
Strong
–10
10
Very strong
–11
11
IMAXSEG
SR Maximum current per power
segment(11)
—–90
90
mA
TSTG
T
Storage temperature range and
non-operating times
—–55
175
°C
Table 7. Absolute maximum ratings(1)(Continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com