Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 28Page - STMicroelectronics SPC574KX Datasheet HTML 29Page - STMicroelectronics SPC574KX Datasheet HTML 30Page - STMicroelectronics SPC574KX Datasheet HTML 31Page - STMicroelectronics SPC574KX Datasheet HTML 32Page - STMicroelectronics SPC574KX Datasheet HTML 33Page - STMicroelectronics SPC574KX Datasheet HTML 34Page - STMicroelectronics SPC574KX Datasheet HTML 35Page - STMicroelectronics SPC574KX Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 160 page
background image
Electrical characteristics
SPC574Kx
32/160
DocID023601 Rev 6
3.7
Temperature profile
15. The I/O pins on the device are clamped to the I/O supply rails for ESD protection. When the voltage of the input pin is
above the supply rail, current is injected through the clamp diode to the supply rail. For external RC network calculation,
assume typical 0.3 V drop across the active diode. The diode voltage drop varies with temperature.
16. Sum of all controller pins (including both digital and analog) must not exceed 200 mA. A VDD_HV_IO power segment is
defined as one or more GPIO pins located between two VDD_HV_IO supply pins.
Table 13. Emulation (buddy) device operating conditions(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Frequency
—
SR
C
Standard JTAG 1149.1/1149.7
frequency
——
—
50
MHz
—
SR
C
High-speed debug frequency
—
—
—
320
MHz
—
SR
T
Data trace frequency
—
—
—
1250
MHz
Temperature
TJ_BD
SR
P
Device junction operating temperature
range
—
–40.0
—
150.0
°C
TA _BD
SR
P
Ambient operating temperature range
—
–40.0
—
125.0
°C
Voltage
VDD_LV_BD
SR
P
Buddy core supply voltage
—
1.2
—
1.32
V
VDD_HV_IO_BD SR
P
Buddy I/O supply voltage
—
3.0
—
5.5
V
VRAMP_LV_BD SR
D
Buddy slew rate on core power supply
pins
——
—
100
V/ms
VRAMP_HV_BD SR
D
Buddy slew rate on HV power supply
pins
——
—
100
V/ms
1. The ranges in this table are design targets and actual data may vary in the given range.
Table 14. Temperature profile – Packaged parts
Vehicle category
Operation
Temperature
Cumulated duration (hours)
Passenger cars
Active operation
TJ = 150 °C
3000
TJ =135 °C
—
TJ = 125 °C
9000
TJ = 110 °C
6000
TJ =85°C
1000
TJ = 40 °C
500
TJ = –40 °C
500
Total operation time
20000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com