Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 83 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 83 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 79Page - STMicroelectronics SPC574KX Datasheet HTML 80Page - STMicroelectronics SPC574KX Datasheet HTML 81Page - STMicroelectronics SPC574KX Datasheet HTML 82Page - STMicroelectronics SPC574KX Datasheet HTML 83Page - STMicroelectronics SPC574KX Datasheet HTML 84Page - STMicroelectronics SPC574KX Datasheet HTML 85Page - STMicroelectronics SPC574KX Datasheet HTML 86Page - STMicroelectronics SPC574KX Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 160 page
background image
DocID023601 Rev 6
83/160
SPC574Kx
Electrical characteristics
159
Table 42. Voltage monitor electrical characteristics(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VPORUP_LV(2) CC D LV supply power on reset
threshold[
Rising voltage (power up) 1040
—
1180
mV
P
Falling voltage (power
down)(3)
960
—
1100
Hysteresis on power-up
50
—
—
VLVD096
CC
P LV internal(4) supply low voltage
monitoring
See note (5)
960
—
1100
mV
VLVD108
CC
P Core LV internal(4) supply low
voltage monitoring
See note(6)
1080
—
1170
mV
VLVD112
CC
P LV external(7) supply low voltage
monitoring
See note (5)
1110
—
1180
mV
VHVD140
CC
P LV external(7) supply high voltage
monitoring
See note (8)
1320
—
1420 mV
VHVD145
CC
P LV external(7) supply high voltage
monitoring
See note (8)
1390
—
1480 mV
VPORUP_HV(2) CC P HV supply power on reset
threshold(9)
Rising voltage (power up)
on PMC/IO Main supply
2850
—
3210 mV
Rising voltage (power up)
on IO JTAG and Osc
supply
2680
—
2980
Rising voltage (power up)
on ADC supply
2870
—
3182
Falling voltage (power
down)(10)
2710
—
3000
Hysteresis on power
up(11)
150
—
—
VPOR240
CC
P HV supply power-on reset voltage
monitoring
Rising voltage
2420
—
2780 mV
Falling voltage
2400
—
2760
VLVD270
CC
P HV supply low voltage monitoring Rising voltage
2750
—
3000 mV
Falling voltage
2700
—
2950
VLVD295
CC
P ADC supply low voltage
monitoring
Rising voltage
—
—
3120 mV
Falling voltage
2920
—
3100
VLVD400
CC
P HV supply low voltage monitoring Rising voltage
4110
—
4410 mV
Falling voltage
3970
—
4270
VHVD600
CC
P HV supply high voltage
monitoring
Rising voltage
5560
—
5960 mV
Falling voltage
5500
—
5900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com