Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 47 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 43Page - STMicroelectronics SPC574KX Datasheet HTML 44Page - STMicroelectronics SPC574KX Datasheet HTML 45Page - STMicroelectronics SPC574KX Datasheet HTML 46Page - STMicroelectronics SPC574KX Datasheet HTML 47Page - STMicroelectronics SPC574KX Datasheet HTML 48Page - STMicroelectronics SPC574KX Datasheet HTML 49Page - STMicroelectronics SPC574KX Datasheet HTML 50Page - STMicroelectronics SPC574KX Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 160 page
background image
DocID023601 Rev 6
47/160
SPC574Kx
Electrical characteristics
159
IRMS_V
CC
D
RMS I/O current for VERY
STRONG configuration
CL = 25 pF, 50 MHz,
VDD = 5.0V +/- 10%
——
22
mA
CL = 50 pF, 25 MHz,
VDD = 5.0V ± 10%
——
22
CL = 25 pF, 50 MHz,
VDD = 3.3V ± 10%
——
11
CL = 25 pF, 25 MHz,
VDD = 3.3V ± 10%
——
11
IDYN_SEG
SR
D
Sum of all the dynamic and DC I/O
current within a supply segment
VDD = 5.0 V ± 10%
—
—
195
mA
VDD = 3.3 V ± 10%
—
—
150
IDYN_W(2)
CC
D
Dynamic I/O current for WEAK
configuration
CL = 25 pF,
VDD = 5.0 V ± 10%
——
5.0
mA
CL = 50 pF,
VDD = 5.0 V ± 10%
——
5.1
CL = 25 pF,
VDD = 3.3 V ± 10%
——
2.2
CL = 50 pF,
VDD = 3.3 V ± 10%
——
2.3
IDYN_M
CC
D
Dynamic I/O current for MEDIUM
configuration
CL = 25 pF,
VDD = 5.0 V ± 10%
——
15
mA
CL = 50 pF,
VDD = 5.0 V ± 10%
——
15.5
CL = 25 pF,
VDD = 3.3 V ± 10%
——
7.0
CL = 50 pF,
VDD = 3.3 V ± 10%
——
7.1
IDYN_S
CC
D
Dynamic I/O current for STRONG
configuration
CL = 25 pF,
VDD = 5.0 V ± 10%
——
50
mA
CL = 50 pF,
VDD = 5.0 V ± 10%
——
55
CL = 25 pF,
VDD = 3.3 V ± 10%
——
22
CL = 50 pF,
VDD = 3.3 V ± 10%
——
25
Table 24. I/O consumption(1)(Continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com