Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 64 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 64 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 60Page - STMicroelectronics SPC574KX Datasheet HTML 61Page - STMicroelectronics SPC574KX Datasheet HTML 62Page - STMicroelectronics SPC574KX Datasheet HTML 63Page - STMicroelectronics SPC574KX Datasheet HTML 64Page - STMicroelectronics SPC574KX Datasheet HTML 65Page - STMicroelectronics SPC574KX Datasheet HTML 66Page - STMicroelectronics SPC574KX Datasheet HTML 67Page - STMicroelectronics SPC574KX Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 160 page
background image
Electrical characteristics
SPC574Kx
64/160
DocID023601 Rev 6
3.13.3
S/D ADC electrical specification
The SDn ADCs are Sigma Delta 16-bit analog-to-digital converters with 333 Ksps maximum
output rate.
7. Extra bias current is present only when BIAS is selected.
8. Extended bench validation performed on 3 samples for each process corner.
9. This parameter is guaranteed by bench validation with a small sample of typical devices, and tested in production to ± 6
LSB.
10. Consumption is given after power-up, when steady state is reached. Extra consumption up to 2 mA may be required during
internal circuitry set-up.
Table 34. SDn ADC electrical specification(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VIN
SR
P ADC input signal
—
0
—
VDD_HV_A
DV
V
VIN_PK2PK(2) SR D Input range peak to
peak
VIN_PK2PK =VINP(3)
–VINM
Single ended
VINM =VSS_HV_ADR
VDD_HV_ADR/GAIN
V
D
Single ended
VINM =0.5*VDD_HV_ADR
GAIN = 1
±0.5*VDD_HV_ADR
D
Single ended
VINM =0.5*VDD_HV_ADR
GAIN = 2,4,8,16
±VDD_HV_ADR/GAIN
D
Differential,
0< VIN < VDD_HV_IO_MAIN
±VDD_HV_ADR/GAIN
fADCD_M
SR
P S/D modulator Input
Clock
—4
14.4
16
MHz
BWIN
SR
D Input bandwith
SNR = 80 dB
fADCD_S = 150 kHz
0.01
—
50(4)
KHz
DSNR = 74 dB
fADCD_S = 333 kHz
0.01
—
111(4)
fADCD_S
SR
D Output conversion
rate
TJ <150 °C
—
—
333
ksps
—
CC
D Oversampling ratio Internal modulator
24
—
256
—
External modulator
—
—
256
—
RESOLUTION CC
D S/D register
resolution(5)
2’s complement notation
16
bit
GAIN
SR
D ADC gain
Defined via ADC_SD[PGA]
register. Only integer powers of
2 are valid gain values.
1—
16
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com