Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 45 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 45 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 41Page - STMicroelectronics SPC574KX Datasheet HTML 42Page - STMicroelectronics SPC574KX Datasheet HTML 43Page - STMicroelectronics SPC574KX Datasheet HTML 44Page - STMicroelectronics SPC574KX Datasheet HTML 45Page - STMicroelectronics SPC574KX Datasheet HTML 46Page - STMicroelectronics SPC574KX Datasheet HTML 47Page - STMicroelectronics SPC574KX Datasheet HTML 48Page - STMicroelectronics SPC574KX Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 160 page
background image
DocID023601 Rev 6
45/160
SPC574Kx
Electrical characteristics
159
3.10
I/O pad current specification
The I/O pads are distributed across the I/O supply segment. Each I/O supply segment is
associated to a VDD/VSS supply pair.
Table 24 provides I/O consumption figures.
In order to ensure device reliability, the average current of the I/O on a single segment
should remain below the IAVGSEG maximum value.
In order to ensure device functionality, the sum of the dynamic and static currents of the I/O
on a single segment should remain below the IDYNSEG maximum value.
Pad mapping on each segment can be optimized using the pad usage information provided
in the I/O Signal Description table. The sum of all pad usage ratios within a segment should
remain below 100%.
ΣtTR20-80
CC
D
Sum of transition time 20–
80% output pin VERY
STRONG configuration(8)
VDD_HV_IO =5.0 V±10%,
VSIO[VSIO_xx] = 1,
CL =25 pF
——
9
ns
VDD_HV_IO = 3.3 V ± 10%,
CL =15pF(5)
——
9
|tSKEW_V| CC
T
Difference between rise
and fall time at 20–80%
VDD_HV_IO =5.0 V±10%,
VSIO[VSIO_xx] = 1,
CL = 25 pF(5)
0—1
ns
TPHL/PLH
CC
D
Propagation delay
CL = 25 pF,
4.5 V < VDD_HV_IO < 5.9 V
——
9
ns
CL = 25 pF,
3.0 V < VDD_HV_IO < 3.6 V
—
—
10.5
CL = 50 pF,
4.5 V < VDD_HV_IO < 5.9 V
——
15
CL = 50 pF,
3.0 V < VDD_HV_IO < 3.6 V
——
12
IDCMAX_VS CC
D
Maximum DC current
—
—
—
10
mA
1. Refer to FlexRay section for parameter dedicated to this interface.
2. All VDD_HV_IO conditions for 4.5V to 5.5V are valid for VSIO[VSIO_xx] = 1, and all specifications for 3.0V to 3.6V are valid
for VSIO[VSIO_xx] = 0.
3. All values need to be confirmed during device validation.
4. Only available on the VDD_HV_IO_JTAG and VDD_HV_IO_FLEX segments.
5. CL is the sum of external capacitance. Add device and package capacitances (CIN, defined in Table 18: I/O input DC
electrical characteristics) to calculate total signal capacitance (CTOT = CL + CIN).
6. 20–80% transition time as per FlexRay standard.
7. TTL transition time as for Ethernet standard.
8. For specification per Electrical Physical Layer Specification 3.0.1, see the dCCTxDRISE25+dCCTxDFALL25 (Sum of Rise and
Fall time of TxD signal at the output pin) specification in Table 63: TxD output characteristics in Section 3.19.4.2: TxD.
Table 23. VERY STRONG configuration output buffer electrical characteristics(1)(Continued)
Symbol
C
Parameter
Conditions(2)
Value(3)
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com