Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 60 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 60 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 56Page - STMicroelectronics SPC574KX Datasheet HTML 57Page - STMicroelectronics SPC574KX Datasheet HTML 58Page - STMicroelectronics SPC574KX Datasheet HTML 59Page - STMicroelectronics SPC574KX Datasheet HTML 60Page - STMicroelectronics SPC574KX Datasheet HTML 61Page - STMicroelectronics SPC574KX Datasheet HTML 62Page - STMicroelectronics SPC574KX Datasheet HTML 63Page - STMicroelectronics SPC574KX Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 160 page
background image
Electrical characteristics
SPC574Kx
60/160
DocID023601 Rev 6
The SARn ADCs are 12-bit Successive Approximation Register analog-to-digital converters
with full capacitive DAC. The SARn architecture allows input channel multiplexing.
1. All specifications in this table valid for the full input voltage range for the analog inputs.
2. For noise filtering, add a high frequency bypass capacitance of 0.1 µF between VDD_HV_ADV and VSS_HV_ADV.
3. Safety pull-down is available for port pin PB[5] and PE[14]. It enables discharge of up to 100 nF from 5 V every 300 ms.
Table 33. SARn ADC electrical specification(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
VALTREF
SR
C ADC alternate
reference voltage
VALTREF < VDD_HV_IO_MAIN
VALTREF < VDD_HV_ADV
4.5
5.5
V
C4.0
5.9
P
Extended range with reduce
TUE
VALTREF < VDD_HV_IO_MAIN
VALTREF < VDD_HV_ADV
2.0
5.9
VIN
SR
D ADC input signal
0 < VIN < VDD_HV_IO_MAIN
VSS_HV_ADR VDD_HV_ADR
V
fADCK
SR
P Clock frequency
TJ < 150 °C
7.5
14.6
MHz
tADCPRECH SR
T
ADC precharge time
Fast SAR—fast precharge
135
—
ns
Fast SAR—full precharge
270
—
Slow SAR (SARADC_B)—
fast precharge
270
—
Slow SAR (SARADC_B)—
full precharge
540
—
ΔVPRECH
SR
D ADC Precharge voltage Full precharge
VPRECH = VDD_HV_ADR/2
TJ < 150 °C
–0.25
0.25
V
D
Fast precharge
VPRECH = VDD_HV_ADR/2
TJ < 150 °C
–0.5
0.5
V
ΔVINTREF
CC
P Internal reference
voltage precision
Applies to all internal
reference points
(VSS_HV_ADR,
1/3 * VDD_HV_ADR,
2/3 * VDD_HV_ADR,
VDD_HV_ADR)
−0.20
0.20
V
tADCSAMPLE SR
P ADC sample time(2)
Fast SAR – 12-bit
configuration
0.750
—
µs
D
Fast SAR – 10-bit
configuration
0.555
—
P
Slow SAR (SARADC_B) –
12-bit configuration
1.500
—
D
Slow SAR (SARADC_B) –
10-bit configuration
0.833
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com