Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 35 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 35 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 31Page - STMicroelectronics SPC574KX Datasheet HTML 32Page - STMicroelectronics SPC574KX Datasheet HTML 33Page - STMicroelectronics SPC574KX Datasheet HTML 34Page - STMicroelectronics SPC574KX Datasheet HTML 35Page - STMicroelectronics SPC574KX Datasheet HTML 36Page - STMicroelectronics SPC574KX Datasheet HTML 37Page - STMicroelectronics SPC574KX Datasheet HTML 38Page - STMicroelectronics SPC574KX Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 160 page
background image
DocID023601 Rev 6
35/160
SPC574Kx
Electrical characteristics
159
3.9
I/O pad specification
The following table describes the different pad type configurations.
VREF_BG_LR
CC C Bandgap line regulation
TJ = –40 °C
VDD_HV_ADV = 5 V + 10%
—
—
8000
ppm/
V
CTJ = 150 °C
VDD_HV_ADV = 5 V + 10%
—
—
4000
1. The ranges in this table are design targets and actual data may vary in the given range.
2. Application with maximum consumption, excludes lock step (safety) core, unloaded I/O with LVDS pins active and
terminated.
3. Application with maximum consumption, excludes lock step (safety) core, unloaded I/O with LVDS pins active and
terminated, with active flash program and erase.
4. Typical application consumption, unloaded I/O with LVDS pins active and terminated.
5. Device in STOP mode running from the internal RCOSC, with the external oscillator and ADCs disabled. Includes regulator
consumption for VDD_LV generation. Includes static I/O current with no pins toggling. VDD_HV refers to all 5 V supplies
(VDD_HV_ADV, VDD_HV_IO_MAIN, VDD_HV_IO_JTAG, VDD_HV_IO_FLEX, and VDD_HV_PMC). The IDDAR current can be further
reduced by disabling the I/O pad compensation cells via the PDO bits in the ME_<mode>_MC registers in the mode entry
module (MC_ME).
6. Leakage of VDD_LV_BD at junction temperature of 150 °C with production device powered estimated at 120 mA
7. Aurora and LFAST enabled, further consumption of 70 mA on VDD_HV_IO_BD supply for Aurora transmission line
8. ISPIKE value is only valid for the use cases defined for the IDDAPP and IDDAPP_LV specifications and its conditions given in
Table 16 (DC electrical specifications).
9. Moving window, valid for IDDAPP and its conditions given in Table 16 (DC electrical specifications), with a maximum of
90 mA for the worst case application.
10. Condition 1: For power on period from 0 V up to normal operation with reset asserted.
Condition 2: From reset asserted until IRCOSC frequency.
Condition 3: Increasing frequency from IRCOSC to PLL full frequency.
Condition 4: reverse order for power down to 0 V.
11. Current variation is considered during boot or during shut-down sequence. Progressive clock switching should be use to
guarantee low current variation.This does not include current requested for the loading of the capacitances on the VDD_LV
domain. Please refer to Section 3.17.1, Power management integration, Iclamp specification
12. IDDOFF is the minimum guaranteed consumption of the device during power-up. It can be used to correctly size power-off
ballast in case of current injection during power-off state.Power up/down current transients can be limited by controlling the
clock ramp rates with the Progressive Clock Frequency Switching block on the device.
13. The temperature coefficient and line regulation specifications are used to calculate the reference voltage drift at an
operating point within the specified voltage and temperature operating conditions.
Table 16. DC electrical specifications(1)(Continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Table 17. I/O pad specification descriptions
Pad type
Description
Weak configuration
Provides a good compromise between transition time and low electromagnetic emission.
Pad impedance is centered around 800
Ω.
Medium configuration
Provides transition fast enough for the serial communication channels with controlled
current to reduce electromagnetic emission.
Pad impedance is centered around 200
Ω.
Strong configuration
Provides fast transition speed; used for fast interface.
Pad impedance is centered around 50
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com