Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 7Page - STMicroelectronics SPC574KX Datasheet HTML 8Page - STMicroelectronics SPC574KX Datasheet HTML 9Page - STMicroelectronics SPC574KX Datasheet HTML 10Page - STMicroelectronics SPC574KX Datasheet HTML 11Page - STMicroelectronics SPC574KX Datasheet HTML 12Page - STMicroelectronics SPC574KX Datasheet HTML 13Page - STMicroelectronics SPC574KX Datasheet HTML 14Page - STMicroelectronics SPC574KX Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 160 page
background image
DocID023601 Rev 6
11/160
SPC574Kx
Introduction
159
Semaphores
Yes
CRC channels
2
Software watchdog timer (task SWT/safety SWT)
3 (2/1)
Core Nexus class
3+
Sequence processing unit (SPU)
Yes
Debug and calibration interface (DCI) / run control module
Yes
System SRAM
64 KB
Flash memory
2560 KB
Flash memory fetch accelerator
2
× 2 × 256-bit
Data flash memory (EEPROM)
4
× 16 KB
Flash memory overlay RAM
16 KB
UTEST flash memory
16 KB
Boot assist flash (BAF)
16 KB
Calibration interface
64-bit IPS slave
DMA channels
32
DMA Nexus Class
3
LINFlexD (UART/MSC)
5 (3/2)
M_CAN (ISO CAN-FD/TTCAN)
3 (2/1)
DSPI (SPI/MSC/sync SCI)
5 (3/2/1)(1)
Microsecond bus downlink
Yes
SENT bus
6
I2C
1
PSI5 bus
2
FlexRay
1
× dual channel
Ethernet (RMII)
Yes
Zipwire (SIPI/LFAST) interprocessor bus
High speed
System timers
6 PIT channels
2 AUTOSAR® (STM)
64-bit PIT
GTM timer
24 input channels,
64 output channels
GTM RAM
26 KB
Interrupt controller
360 sources
ADC (SAR)
5
ADC (SD)
2
Temperature sensor
Yes
Table 2. SPC574Kx device feature summary(Continued)
Feature
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com