Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 30 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 30 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 26Page - STMicroelectronics SPC574KX Datasheet HTML 27Page - STMicroelectronics SPC574KX Datasheet HTML 28Page - STMicroelectronics SPC574KX Datasheet HTML 29Page - STMicroelectronics SPC574KX Datasheet HTML 30Page - STMicroelectronics SPC574KX Datasheet HTML 31Page - STMicroelectronics SPC574KX Datasheet HTML 32Page - STMicroelectronics SPC574KX Datasheet HTML 33Page - STMicroelectronics SPC574KX Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 160 page
background image
Electrical characteristics
SPC574Kx
30/160
DocID023601 Rev 6
Table 12. Device operating conditions(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Frequency
fSYS
SR C Device operating
frequency(2)
TJ =−40 °C to
150 °C
——
160
MHz
fLBIST
SR C Self-test operating
frequency
TJ = −40 °C to
150 °C
——
20
MHz
Temperature
TJ
SR P Junction
Temperature
–40.0
—
150.0
°C
TA (TL to TH)
SR P Ambient temperature
–40.0
—
125.0
°C
Voltage
VDD_LV
CC P Core supply voltage
measured at external
pin(3),(4)
Refer to Section 3.17: Power management: PMC,
POR/LVD, sequencing
V
VDD_HV_IO_MAIN SR P I/O supply voltage
LVD400/HVD600
enabled
4.5
—
5.5
V
C
LVD400/HVD600
disabled (5),(6),(7)
4.0
—
5.9
C
3.0
—
5.9
VDD_HV_IO_JTAG SR P JTAG I/O supply
voltage(8)
5 V range
4.5
—
5.5
V
C
3.3 V range
3.0
—
3.6
C
5 V range
4.0
—
5.9
VDD_HV_IO_FLEX SR P FlexRay I/O supply
voltage
5 V range
4.5
—
5.5
V
C
3.3 V range
3.0
—
3.6
VDD_HV_PMC(9)
SR P Power Management
Controller (PMC)
supply voltage
Full functionality
4.5
—
5.5
V
C
3.0
—
5.5
VDD_HV_FLA(10),
(11)
CC P Flash core voltage
—
3.0
—
5.5
V
VDD_HV_ADV
SR P SARADC and
SDADC supply
voltage
LVD295/ enabled
4.5
—
5.5
V
C
LVD295/
disabled(5),(6)
4.0
—
5.9
C
LVD295/
disabled(5),(6)
3.7
—
5.9
VDD_HV_ADR_D
SR P SD ADC supply
reference voltage
—4.5
VDD_HV_ADV
5.5
V
C4.0
5.9
C3.0
4.0
VDD_HV_ADR_D –
VDD_HV_ADV
SR D SD ADC reference
differential voltage
——
—
25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com