Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 65 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 65 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 61Page - STMicroelectronics SPC574KX Datasheet HTML 62Page - STMicroelectronics SPC574KX Datasheet HTML 63Page - STMicroelectronics SPC574KX Datasheet HTML 64Page - STMicroelectronics SPC574KX Datasheet HTML 65Page - STMicroelectronics SPC574KX Datasheet HTML 66Page - STMicroelectronics SPC574KX Datasheet HTML 67Page - STMicroelectronics SPC574KX Datasheet HTML 68Page - STMicroelectronics SPC574KX Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 160 page
background image
DocID023601 Rev 6
65/160
SPC574Kx
Electrical characteristics
159
|δGAIN|
CC
C Absolute value of
the ADC gain
error(6),(7)
Before calibration (applies to
gain setting = 1)
——
1.5
%
D
After calibration,
ΔVDD_HV_ADR
< 5%
ΔVDD_HV_ADV < 10%
ΔTJ < 50 °C
——
5
mV
After calibration,
ΔVDD_HV_ADR
< 5%
ΔVDD_HV_ADV < 10%
ΔTJ < 100 °C
——
7.5
After calibration,
ΔVDD_HV_ADR
< 5%
ΔVDD_HV_ADV < 10%
ΔTJ < 150 °C
——
10
VOFFSET
CC
P Input Referred
Offset Error(6),(7),(8)
Before calibration (applies to all
gain settings – 1, 2, 4, 8, 16)
—
10*
(1+1/gain)
20
mV
D
After calibration,
ΔVDD_HV_ADR < 10%
ΔTJ < 50 °C
——
5
After calibration,
ΔVDD_HV_ADV
< 10%
ΔTJ < 100 °C
7.5
After calibration,
ΔVDD_HV_ADV
< 10%
ΔTJ < 150 °C
0.5
10
Table 34. SDn ADC electrical specification(1)(Continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com