Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 70 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 66Page - STMicroelectronics SPC574KX Datasheet HTML 67Page - STMicroelectronics SPC574KX Datasheet HTML 68Page - STMicroelectronics SPC574KX Datasheet HTML 69Page - STMicroelectronics SPC574KX Datasheet HTML 70Page - STMicroelectronics SPC574KX Datasheet HTML 71Page - STMicroelectronics SPC574KX Datasheet HTML 72Page - STMicroelectronics SPC574KX Datasheet HTML 73Page - STMicroelectronics SPC574KX Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 160 page
background image
Electrical characteristics
SPC574Kx
70/160
DocID023601 Rev 6
tSETTLING
CC
D Settling time after
mux change(19)
Analog inputs are muxed
HPF = ON
——
2*
δGROUP
+
3*fADCD_S
—
HPF = OFF
—
—
2*
δGROUP
+
2*fADCD_S
—
tODRECOVERY CC D Overdrive recovery
time
After input comes within range
from saturation
HPF = ON
——
2*
δGROUP
+ fADCD_S
—
HPF = OFF
—
—
2*
δGROUP
—
CS_D
CC
D S/D ADC sampling
capacitance after
sampling switch(19)
GAIN = 1, 2, 4, 8
—
—
75*GAIN
fF
DGAIN = 16
—
—
600
fF
IBIAS
CC
D Bias consumption
At least 1 ADCD enabled
—
—
3.5
mA
IADV_D
CC
T
VDD_HV_ADV power
supply current
(each ADC)
ADCD enabled
—
—
3.5
mA
P
Sum of all ADCs + BIAS
—
—
10.5
ΣIADR_D
CC
P Sum of all ADC
reference
consumption(20)
ADCD enabled
—
—
30
µA
IADCS/D_REFH CC T S/D ADC
Reference
High Current
Dynamic consumption
(Conversion)
——
3.5
µA
T
Static consumption
(Power-down mode and bias)
——
+10
1. Functional operating conditions are given in the DC electrical specifications. Absolute maximum ratings are stress ratings
only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect device
reliability or cause permanent damage to the device.
2. For input voltage above the maximum and below the clamp voltage of the input pad, there is no latch-up concern, and the
signal will only be ‘clipped’.
3. VINP is the input voltage applied to the positive terminal of the SDADC.
4. Maximum input of 166.67 kHz supported with reduced accuracy. See SNR specifications.
5. When using a GAIN setting of 16, the conversion result will always have a value of zero in the least significant bit. The gives
an effective resolution of 15 bits.
6. Offset and gain error due to temperature drift can occur in either direction (+/-) for each of the SDADCs on the device.
7. Calibration of gain is possible when gain = 1.
Offset Calibration should be done with respect to 0.5*VDD_HV_ADR for differential mode and single ended mode with
negative input=0.5*VDD_HV_ADR.
Offset Calibration should be done with respect to 0 for “single ended mode with negative input=0”.
Both offset and Gain Calibration is guaranteed for ±5% variation of VDD_HV_ADR, ±10% variation of VDD_HV_ADV, and ± 50
°C temperature variation.
8. Conversion offset error must be divided by the applied gain factor (1, 2, 4, 8, or 16) to obtain the actual input referred offset
error.
9. This parameter is guaranteed by bench validation with a small sample of devices across process variations, and tested in
production to a value of 3 dB less.
10. S/D ADC is functional in the range 3.6 V – 4.5 V, SNR parameter degrades by 3 dB. Degraded SNR value based on
simulation.
Table 34. SDn ADC electrical specification(1)(Continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com