Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 61 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 57Page - STMicroelectronics SPC574KX Datasheet HTML 58Page - STMicroelectronics SPC574KX Datasheet HTML 59Page - STMicroelectronics SPC574KX Datasheet HTML 60Page - STMicroelectronics SPC574KX Datasheet HTML 61Page - STMicroelectronics SPC574KX Datasheet HTML 62Page - STMicroelectronics SPC574KX Datasheet HTML 63Page - STMicroelectronics SPC574KX Datasheet HTML 64Page - STMicroelectronics SPC574KX Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 160 page
background image
DocID023601 Rev 6
61/160
SPC574Kx
Electrical characteristics
159
tADCEVAL
SR
P ADC evaluation time
12-bit configuration (25 clock
cycles)
1.712
—
µs
D
10-bit configuration (21 clock
cycles)
1.458
—
IADCSAR_RE
FH
(3),(4)
CC
T
ADC high reference
current
Dynamic consumption
(tconv =5µs(5))
—3.5(6)
µA
Dynamic consumption
(tconv =2.5 µs6)
—7
Static consumption (Power
Down mode)
—4
Bias Current(7)
—+2
IADCSAR_RE
FL
(4)
CC
D ADC low reference
current
Run mode tconv ≥ 5µs
VDD_HV_ADR <= 5.5 V
—15
µA
Run mode tconv =2.5 µs
VDD_HV_ADR <= 5.5 V
—30
Power Down mode
VDD_HV_ADR <= 5.5 V
—1
IADV_S
CC
T
VDD_HV_ADV power
supply current (each
ADC)
Dynamic consumption
(tconv = 5µs)
—4.0
mA
Dynamic consumption
(tconv =2.5 µs)
—4.0
TUE12
CC T(8) Total unadjusted error
in 12-bit configuration(9)
TJ < 150 °C,
VDD_HV_ADV >4V,
VDD_HV_ADR >4V
–4
4
LSB
(12b)
PTJ < 150 °C,
VDD_HV_ADV >4V,
VDD_HV_ADR >4V
–6
6
TTJ < 150 °C,
VDD_HV_ADV >4V,
4V> VDD_HV_ADR >2V
–6
6
TTJ <150 °C,
4V> VDD_HV_ADV >3.5 V
–12
12
TUE10
CC
C Total unadjusted error
in 10-bit configuration
TJ < 150 °C,
VDD_HV_ADV >4V
VDD_HV_ADR >4V
–1.5
1.5
LSB
(10b)
CTJ < 150 °C,
VDD_HV_ADV >4V,
4V> VDD_HV_ADR >2V
–2.0
2.0
Table 33. SARn ADC electrical specification(1)(Continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com