Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 59 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 55Page - STMicroelectronics SPC574KX Datasheet HTML 56Page - STMicroelectronics SPC574KX Datasheet HTML 57Page - STMicroelectronics SPC574KX Datasheet HTML 58Page - STMicroelectronics SPC574KX Datasheet HTML 59Page - STMicroelectronics SPC574KX Datasheet HTML 60Page - STMicroelectronics SPC574KX Datasheet HTML 61Page - STMicroelectronics SPC574KX Datasheet HTML 62Page - STMicroelectronics SPC574KX Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 160 page
background image
DocID023601 Rev 6
59/160
SPC574Kx
Electrical characteristics
159
3.13.2
SAR ADC electrical specification
Table 32. ADC pin specification(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
ILK_INUD
CC C Input leakage current, two ADC channels
input with weak pull-up and weak pull-
down
Tj < 40 °C, no current
injection on adjacent pin
—70
nA
CTj < 150 °C, no current
injection on adjacent pin
—
220
ILK_INUSD
CC C Input leakage current, two ADC channels
input with weak pull-up and strong pull-
down
Tj < 40 °C, no current
injection on adjacent pin
—80
nA
CTj < 150 °C, no current
injection on adjacent pin
—
250
ILK_INREF
CC C Input leakage current, two ADC channels
input with weak pull-up and weak pull-
down and alternate reference
Tj < 40 °C, no current
injection on adjacent pin
—
160
nA
CTj < 150 °C, no current
injection on adjacent pin
—
400
ILK_INOUT
CC C Input leakage current, two ADC channels
input, GPIO output buffer with weak pull-
up and weak pull-down
Tj < 40 °C, no current
injection on adjacent pin
—
140
nA
CTj < 150 °C, no current
injection on adjacent pin
—
380
IINJ
CC T Injection current on analog input
preserving functionality
Applies to any analog
pins
–3
3
mA
CHV_ADC
SR D VDD_HV_ADV external capacitance(2)
12.2
µF
CP1
CC D Pad capacitance
—
0
10
pF
CP2
CC D Internal routing capacitance
SARn channels
0
0.5
pF
D
SARB channels
0
1
CP3
CC D Internal routing capacitance
Only for SARB channels
0
1
pF
CS
CC D SAR ADC sampling capacitance
—
6
8.5
pF
RSWn
CC D Analog switches resistance
SARn channels
0
1.1
k
Ω
D
SARB channels
0
1.7
RAD
CC D ADC input analog switches resistance
—
0
0.6
k
Ω
RCMSW
CC D Common mode switch resistance
—
0
2.6
k
Ω
RCMRL
CC D Common mode resistive ladder
—
0
3.5
k
Ω
RSAFEPD(3)
CC D Discharge resistance for AN7/AN35
channels (strong pull-down for safety)
—
0
300
W
ΣIADV
CC P ADC pin supply
consumption
All SAR and S/D ADC
associated to the pin are
enabled
—31
mA
T
Static consumption
(Power-down mode)
—1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com