Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 12 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 8Page - STMicroelectronics SPC574KX Datasheet HTML 9Page - STMicroelectronics SPC574KX Datasheet HTML 10Page - STMicroelectronics SPC574KX Datasheet HTML 11Page - STMicroelectronics SPC574KX Datasheet HTML 12Page - STMicroelectronics SPC574KX Datasheet HTML 13Page - STMicroelectronics SPC574KX Datasheet HTML 14Page - STMicroelectronics SPC574KX Datasheet HTML 15Page - STMicroelectronics SPC574KX Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 160 page
background image
Introduction
SPC574Kx
12/160
DocID023601 Rev 6
1.4
Block diagram
Figure 1 and Figure 2 show the top-level block diagrams.
Self-test control unit (STCU2)
Yes
PLL
Dual PLL with FM
Internal linear voltage regulator
1.2 V
External power supplies
5 V(2)
3.3 V(3)
Low-power modes
Stop mode
Slow mode
Packages
eTQFP144
eLQFP176
172-pin FusionQuad®(4)
216-pin FusionQuad®(4)
1. One of the two MSC DSPIs is remapped to be used as sync SCI.
2. The device can be powered up at 5V only.
3. Optional: can be used for special I/O segments.
4. Also available in a 172-pin FusionQuad® package, which allows an eTQFP144 pin-compatible package for development,
and in a 216-pin FusionQuad® package, which allows an eLQFP176 pin-compatible package for development.
Table 2. SPC574Kx device feature summary(Continued)
Feature
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com