Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 78 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 78 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 74Page - STMicroelectronics SPC574KX Datasheet HTML 75Page - STMicroelectronics SPC574KX Datasheet HTML 76Page - STMicroelectronics SPC574KX Datasheet HTML 77Page - STMicroelectronics SPC574KX Datasheet HTML 78Page - STMicroelectronics SPC574KX Datasheet HTML 79Page - STMicroelectronics SPC574KX Datasheet HTML 80Page - STMicroelectronics SPC574KX Datasheet HTML 81Page - STMicroelectronics SPC574KX Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 160 page
background image
Electrical characteristics
SPC574Kx
78/160
DocID023601 Rev 6
3.16
Aurora LVDS electrical characteristics
The following table describes the Aurora LVDS electrical characteristics.
Note:
The Aurora interface is AC coupled, so there is no common-mode voltage specification.
PN
CC
D
Integrated phase noise (single side
band)
fRF_REF = 20 MHz
—
—
–58
dBc
DfRF_REF = 10 MHz
—
—
–64
fVCO
CC
D
PLL VCO frequency
—
—
640(2)
—MHz
tLOCK
CC
D
PLL phase lock(3)
——
—
40
µs
ΔPERREF SR
T
Input reference clock jitter (peak to
peak)
Single period,
fRF_REF =10MHz
——
300
ps
T
Long term,
fRF_REF =10MHz
–500
—
500
ps
ΔPEREYE CC
T
Output Eye Jitter (peak to peak)(4)
——
—
400
ps
1. The specifications in this table apply to both the interprocessor bus and debug LFAST interfaces.
2. The 640 MHz frequency is achieved with a 10 MHz or 20 MHz reference clock. With a 26 MHz reference, the VCO
frequency is 624 MHz. PLL lock with 640 MHz VCO frequency guaranteed by production testing.
3. The time from the PLL enable bit register write to the start of phase locks is maximum 2 clock cycles of the peripheral
bridge clock that is connected to the PLL on the device.
4. Measured at the transmitter output across a 100 Ohm termination resistor on a device evaluation board. See Figure 21.
Table 39. LFAST PLL electrical characteristics(1)(Continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Nominal
Max
Table 40. Aurora LVDS electrical characteristics(1)(2)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ Max
Transmitter
FTX
CC
D Transmit Data Rate
—
—
—
1.25 Gbps
|ΔVOD_LVDS| CC P Differential output voltage swing
(terminated)(3)
—
400
600
800
mV
tTR_LVDS
CC
T Rise/Fall time (10%–90% of swing)
—
60
—
—
ps
RV_L_Tx
SR
D Differential Terminating resistance
—
81
100
120
W
TLoss
CC
D Transmission Line Loss due to loading
effects
——
—
6(4)
dB
Transmission line characteristics (PCB track)
LLINE
SR
D Transmission line length
—
—
—
20
cm
ZLINE
SR
D Transmission line characteristic
impedance
—45
50
55
W
Cac_clk
SR
D Clock Receive Pin External AC
Coupling Capacitance
Values are nominal, valid
for +/– 50% tolerance
100
—
270
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com