Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 27 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 23Page - STMicroelectronics SPC574KX Datasheet HTML 24Page - STMicroelectronics SPC574KX Datasheet HTML 25Page - STMicroelectronics SPC574KX Datasheet HTML 26Page - STMicroelectronics SPC574KX Datasheet HTML 27Page - STMicroelectronics SPC574KX Datasheet HTML 28Page - STMicroelectronics SPC574KX Datasheet HTML 29Page - STMicroelectronics SPC574KX Datasheet HTML 30Page - STMicroelectronics SPC574KX Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 160 page
background image
DocID023601 Rev 6
27/160
SPC574Kx
Electrical characteristics
159
SIPI
RF_TX
Differential
C1-S3
Yes
As per Figure 5
RF_RX
Yes
As per Figure 5
SysClk Tx
Single
(10/20 MHz)
Yes
As per Figure 5
SysClk Rx
Yes
As per Figure 5
SCI
TXD
Single
C1-S3
Yes
As per Figure 5
RXD
Yes
As per Figure 5
LINFlex
LINTX
Single
C1-S3, C5-S3
Yes
As per Figure 5
LINRX
Yes
As per Figure 5
Oscillator
XTAL
Single
C1-S3
Yes
As per Figure 5
EXTAL
Yes
As per Figure 5
External clock
SYSCLK(6)
Single
C1-S3
Yes
As per Figure 5
GPIO
GPIO(7)
Single
C1-S3, C5-S3
Yes
As per Figure 5
1.2 V core supply voltage
VDD_LV
N/A
C1-S3
Yes
As per Figure 6
I/O supply voltage
VDD_HV_IO
N/A
C1-S3
Yes
As per Figure 6
Power management controller
(PMC) supply voltage
VDD_HV_PMC
N/A
C1-S3
Yes
As per Figure 6
1. Reference “BISS Generic IC EMC Test Specification”, section 9.3, “Emission test configuration for ICs with CPU”.
2. All pins of the microcontroller are defined as ‘Local’ (according to BISS specification). Therefore, the supply pin on the
microcontroller are tested to ‘Local’ requirements.
3. Limits apply to signal under test in static mode only
4. BISS port limits measured with SCK frequency below 10 MHz
5. BISS port limits: The 25/50 MHz clocks for an Ethernet RMII interface could cause the limits specified in Figure 5 (BISS
port limits) to be exceeded unless care is taken in the application to ensure high EMC.
6. BISS port limits measured with clock less than 10 MHz and only one clock enabled at a time
7. BISS port limits: GPIO toggling less than 50 kHz and not more than 40 GPIO pins toggling simultaneously
Table 9. Conducted emissions testing specifications(1)(Continued)
Module
Signal
Single/
Differential
Functional
configuration
Emission test
method
BISS
limits(2)(3)
150
Ω
Table 10. RF immunity—Direct Power Injection (DPI) test specifications(1)
Module
Signal
Monitor pin
Function
BISS signal/power
supply limit class
Oscillator
XTAL
EXTCLK
C11
0 dBm
Reset
PORST
GPIO
C10
12 dBm
ESR0
GPIO
C10
12 dBm
Test controller
TESTMODE
GPIO
C10
12 dBm
VDD core
VDD_LV
Power
C10
12 dBm
VDD I/O
VDD_HV_IO
Power
C10
12 dBm
VDD FlexRay I/O
VDD_HV_IO_FLX
Power
C10
12 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com