Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 53 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 53 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 49Page - STMicroelectronics SPC574KX Datasheet HTML 50Page - STMicroelectronics SPC574KX Datasheet HTML 51Page - STMicroelectronics SPC574KX Datasheet HTML 52Page - STMicroelectronics SPC574KX Datasheet HTML 53Page - STMicroelectronics SPC574KX Datasheet HTML 54Page - STMicroelectronics SPC574KX Datasheet HTML 55Page - STMicroelectronics SPC574KX Datasheet HTML 56Page - STMicroelectronics SPC574KX Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 160 page
background image
DocID023601 Rev 6
53/160
SPC574Kx
Electrical characteristics
159
3.12.2
External oscillator (XOSC)
Table 28. External Oscillator electrical specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
fXTAL
CC D Crystal Frequency
Range(1)
—4
8
MHz
—>8
20
—>20
40
tcst
CC T Crystal start-up time (2),(3)
TJ = 150 °C
—
5
ms
trec
CC — Crystal recovery time(4)
——
0.5
ms
VIHEXT
CC D EXTAL input high voltage
(External Reference)
VREF = 0.28 * VDD_HV_IO_JTAG
VREF +
0.6
—V
VILEXT
CC D EXTAL input low voltage(5) VREF = 0.28 * VDD_HV_IO_JTAG
—VREF - 0.6
V
CS_EXTAL CC T Total on-chip stray
capacitance on EXTAL
pin(6)
QFP
6.0
8.0
pF
CS_XTAL CC T Total on-chip stray
capacitance on XTAL pin(8)
QFP
6.0
8.0
pF
gm
CC P Oscillator
Transconductance
TJ =-40 °C to
150 °C
4.5 V < VDD_HV
_IO <5.5 V
fXTAL ≤ 8MHz
2.6
11.0
mA/V
CfXTAL ≤ 20 MHz
7.9
26.0
CfXTAL ≤ 40 MHz
10.4
34.0
VEXTAL
CC D Oscillation Amplitude on
the EXTAL pin after
startup(7)
TJ = –40 °C to 150 °C
0.5
1.8
V
VHYS
CC D Comparator Hysteresis
TJ = 150 °C
0.1
1.0
V
IXTAL
CC D XTAL current(8)
TJ = 150 °C
—
14
mA
1. The range is selectable by UTEST miscellaneous DCF clients XOSC_LF_EN and XOSC_EN_40 MHz.
2. This value is determined by the crystal manufacturer and board design.
3. Proper PC board layout procedures must be followed to achieve specifications.
4. Crystal recovery time is the time for the oscillator to settle to the correct frequency after adjustment of the integrated load
capacitor value.
5. Applies to an external clock input and not to crystal mode.
6. See crystal manufacturer’s specification for recommended load capacitor (CL) values.The external oscillator requires
external load capacitors when operating from 8 MHz to 16 MHz. Account for on-chip stray capacitance (CS_EXTAL/CS_XTAL)
and PCB capacitance when selecting a load capacitor value. When operating at 20 MHz/40 MHz, the integrated load
capacitor value is selected via S/W to match the crystal manufacturer’s specification, while accounting for on-chip and PCB
capacitance.
7. Amplitude on the EXTAL pin after startup is determined by the ALC block, i.e., the Automatic Level Control Circuit. The
function of the ALC is to provide high drive current during oscillator startup, but reduce current after oscillation in order to
reduce power, distortion, and RFI, and to avoid over-driving the crystal. The operating point of the ALC is dependent on the
crystal value and loading conditions.
8. IXTAL is the oscillator bias current out of the XTAL pin with both EXTAL and XTAL pins grounded. This is the maximum
current during startup of the oscillator. The current after oscillation is typically in the 2-3 mA range and is dependent on the
load and series resistance of the crystal. Test circuit is shown in Figure 14. The ALC block is the Automatic Level Control
Circuit. The function of the ALC is to provide high drive current during oscillator startup, but reduce current after oscillation
in order to reduce power, distortion, and RFI, and to avoid overdriving the crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com