Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 86 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 86 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 82Page - STMicroelectronics SPC574KX Datasheet HTML 83Page - STMicroelectronics SPC574KX Datasheet HTML 84Page - STMicroelectronics SPC574KX Datasheet HTML 85Page - STMicroelectronics SPC574KX Datasheet HTML 86Page - STMicroelectronics SPC574KX Datasheet HTML 87Page - STMicroelectronics SPC574KX Datasheet HTML 88Page - STMicroelectronics SPC574KX Datasheet HTML 89Page - STMicroelectronics SPC574KX Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 160 page
background image
Electrical characteristics
SPC574Kx
86/160
DocID023601 Rev 6
Table 45. Flash memory program and erase specifications (1)
Symbol
Characteristics(2)
Value
Unit
Typ(3) C
Initial max
Typical
end of
life(4)
Lifetime
max(5)
C
25 °C(6)
All
temp
(7)
C
< 1 k
cycles
< 250 K
cycles
tdwprogram Double Word (64 bits) program
time [Packaged part]
34
C
100
—
—
55
500
C
µs
tpprogram
Page (256 bits) program time
60
C
200
—
—
108
1000
C
µs
tpprogrameep Page (256 bits) program time
EEPROM (partition 2) [Packaged
part]
69
C
220
—
—
124
1000
C
µs
tqprogram
Quad Page (1024 bits) program
time
204
C
1040
1200 P
850
2000
C
µs
tqprogrameep Quad Page (1024 bits) program
time EEPROM (partition 2)
[Packaged part]
234
C
1140
1320 P
978
2000
C
µs
t16kpperase 16 KB block pre-program and
erase time
150
C
1000
1000 P
330
5000
—
C
ms
t32kpperase 32 KB block pre-program and
erase time
200
C
1000
1000 P
440
5000
—
C
ms
t64kpperase 64 KB block pre-program and
erase time
300
C
1000
1000 P
660
5000
—
C
ms
t256kpperase 256 KB block pre-program and
erase time
900
C
2000
3000 P
1100
15000
—
C
ms
t16kprogram 16 KB block program time
27
C
45
50
P
40
1000
—
C
ms
t32kprogram 32 KB block program time
54
C
90
100
P
80
2000
—
C
ms
t64kprogram 64 KB block program time
108
C
175
200
P
169
4000
—
C
ms
t256kprogram 256 KB block program time
432
C
700
850
P
634
17000
—
C
ms
t16kprogrameep Program 16 KB EEPROM
(partition 2) [Packaged part]
31
C
52
58
P
64
1000
C
ms
t16keraseeep Erase 16 KB EEPROM (partition
2) [Packaged part]
160
C
1000
1000 P
500
5000
C
ms
ttr
Program rate(8)
1.73
C
2.24
3.40
C
1.9
—
C s/MB
tpr
Erase rate(8)
4.0
C
8.0
12.0
C
4.4
—
C s/MB
tffprogram
Full flash programming time(9)
5
C
20
30
P
5.8
32
—
C
s
tfferase
Full flash erasing time(9)
13
C
26
30
P
14.2
40
—
C
s
tESRT
Erase suspend request rate(10)
5.5
T
—
—
—
—
—
— ms
tPSRT
Program suspend request rate(10)
20
T
—
—
—
—
—
—
µs
tPSUS
Program suspend latency(11)
——
—
—
—
—
10
T
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com