Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 88 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 88 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 84Page - STMicroelectronics SPC574KX Datasheet HTML 85Page - STMicroelectronics SPC574KX Datasheet HTML 86Page - STMicroelectronics SPC574KX Datasheet HTML 87Page - STMicroelectronics SPC574KX Datasheet HTML 88Page - STMicroelectronics SPC574KX Datasheet HTML 89Page - STMicroelectronics SPC574KX Datasheet HTML 90Page - STMicroelectronics SPC574KX Datasheet HTML 91Page - STMicroelectronics SPC574KX Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 160 page
background image
Electrical characteristics
SPC574Kx
88/160
DocID023601 Rev 6
3.18.1
Flash read wait state and address pipeline control settings
Table 47 describes the recommended RWSC settings at various operating frequencies
based on specified intrinsic flash access times of the Flash array at 150 °C.
NCER256K
256 KB CODE Flash endurance
1
—
100
—
kcycles
NDER16K
16 KB EEPROM Flash endurance
250
—
—
—
kcycles
tDR1k
Minimum data retention Blocks with 0 - 1,000 P/E
cycles
20
—
—
—
Years
tDR10k
Minimum data retention Blocks with 1,001 - 10,000 P/E
cycles
20
—
—
—
Years
tDR250k
Minimum data retention Blocks with 10,001 - 250,000 P/E
cycles
10
—
—
—
Years
1. Program and erase cycles supported across specified temperature specs.
Table 46. Flash memory Life Specification(Continued)
Symbol
Characteristics(1)
Value
Unit
Min
C
Typ
C
Table 47. Flash memory RWSC configuration
Platform Frequency
Minimum RWSC
settings
0 – 25 MHz
0
25 – 50 MHz
1
50 – 80 MHz
2
80 – 110 MHz
3
110 – 140 MHz
4
140 – 160 MHz
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com