Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 14Page - STMicroelectronics SPC574KX Datasheet HTML 15Page - STMicroelectronics SPC574KX Datasheet HTML 16Page - STMicroelectronics SPC574KX Datasheet HTML 17Page - STMicroelectronics SPC574KX Datasheet HTML 18Page - STMicroelectronics SPC574KX Datasheet HTML 19Page - STMicroelectronics SPC574KX Datasheet HTML 20Page - STMicroelectronics SPC574KX Datasheet HTML 21Page - STMicroelectronics SPC574KX Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 160 page
background image
Package pinouts and signal descriptions
SPC574Kx
18/160
DocID023601 Rev 6
Figure 4. 176-pin QFP and 216-pin FQ configuration (top view)
eLQFP176 / FQ2163
PD[14]
PD[15]
PC[9]
PC[8]
PC[7]
PC[6]
PC[5]
PC[4]
PC[3]
NC/VDD_LV_BD5
PC[2]
PC[1]
PC[0]
PE[0]
PE[1]
PE[2]
PD[12]
PD[13]
PE[3]
PE[4]
PG[0]
PI[8]
PI[9]
VDD_LV
VDD_HV_IO_MAIN
VDD_HV_ADR_D
VSS_HV_ADR_D
PG[1]
PG[2]
PG[3]
PG[4]
PB[15]
PB[14]
PB[13]
PB[12]
PB[5]
PI[0]
PI[1]
PI[2]
PI[3]
PI[4]
PI[5]
PG[5]
PG[6]
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
132
131
130
129
128
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
PE[9]
PE[8]
PD[5]
PD[4]
PE[7]
PE[6]
PE[5]
PG[14]
PG[13]
VDD_LV
ESR0
PORST
PA[4]_ESR1
PF[15]
TESTMODE
PH[11]
PF[14]
PA[6]
PA[5]
PA[9]
PA[7]
PA[8]
PA[14]
PD[6]
PD[7]
PF[13]
PI[15]
PI[14]
VDD_HV_IO_JTAG
XTAL
EXTAL
VSSOSC
VDD_LV
VDD_HV_IO_MAIN
PF[12]
PF[11]
PF[10]
PF[9]
PH[6]
PH[5]
PJ[4]
PJ[3]
PF[8]
PJ[2]
VSS4
Note:
1
Pins marked “NC” have no connection.
2
FQ LVDS Test pins marked with an asterix (*) can be soldered to GND or left unconnected.
3
The eLQFP176 and FQ216 package pinouts are nearly identical, with the following exception:
A1–A40 are additional pins that appear only on the FQ216 package.
4
The shaded area in the middle of the pinout is an exposed pad that on both the eLQFP176 and FQ216 packages is the primary VSS connection.
5
Pins 10 and 154 are NC in the 176-pin package and VDD_LV_BD in the 216-pin package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com