Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 67 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 67 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 63Page - STMicroelectronics SPC574KX Datasheet HTML 64Page - STMicroelectronics SPC574KX Datasheet HTML 65Page - STMicroelectronics SPC574KX Datasheet HTML 66Page - STMicroelectronics SPC574KX Datasheet HTML 67Page - STMicroelectronics SPC574KX Datasheet HTML 68Page - STMicroelectronics SPC574KX Datasheet HTML 69Page - STMicroelectronics SPC574KX Datasheet HTML 70Page - STMicroelectronics SPC574KX Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 160 page
background image
DocID023601 Rev 6
67/160
SPC574Kx
Electrical characteristics
159
SNRSE150(16) CC T Signal to noise ratio
in single ended
mode 150 ksps
output rate
4.5 < VDD_HV_ADV <5.5(10),(11)
VDD_HV_ADR = VDD_HV_ADV
GAIN = 1
TJ <150 °C
74
—
—
dBFS
T4.5 < VDD_HV_ADV <5.5(10),(11)
VDD_HV_ADR = VDD_HV_ADV
GAIN = 2
TJ <150 °C
71
—
—
4.5 < VDD_HV_ADV <5.5(10),(11)
VDD_HV_ADR = VDD_HV_ADV
GAIN = 4
TJ <150 °C
68
—
—
4.5 < VDD_HV_ADV <5.5(10),(11)
VDD_HV_ADR = VDD_HV_ADV
GAIN = 8
TJ <150 °C
65
—
—
D
4.5 <
VDD_HV_ADV <5.5(10),(11),
VDD_HV_ADR=VDD_HV_ADV
GAIN = 16
TJ < 150 °C
62
—
—
SFDR
CC
P Spurious free
dynamic range
GAIN = 1
60
—
—
dBc
CGAIN = 2
60
—
—
CGAIN = 4
60
—
—
CGAIN = 8
60
—
—
D
GAIN = 16
60
—
—
ZIN
CC
D Input impedance(13) GAIN = 1,
fADCD_M =16MHz
1.2
1.6
1.9
M
Ω
GAIN = 16,
fADCD_M =16MHz
0.1
—
—
ZDIFF(14)
CC
D Differential Input
impedance
GAIN = 1
1000
1250
1500
k
Ω
GAIN = 2
600
800
1000
GAIN = 4
300
400
500
GAIN = 8
200
250
300
GAIN = 16
200
250
300
ZCM(15)
CC
D Common Mode
Input impedance
GAIN = 1
1400
1800
2200
k
Ω
GAIN = 2
1000
1300
1600
GAIN = 4
700
950
1150
GAIN = 8
500
650
800
GAIN = 16
500
650
800
Table 34. SDn ADC electrical specification(1)(Continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com