Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 55 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 55 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 51Page - STMicroelectronics SPC574KX Datasheet HTML 52Page - STMicroelectronics SPC574KX Datasheet HTML 53Page - STMicroelectronics SPC574KX Datasheet HTML 54Page - STMicroelectronics SPC574KX Datasheet HTML 55Page - STMicroelectronics SPC574KX Datasheet HTML 56Page - STMicroelectronics SPC574KX Datasheet HTML 57Page - STMicroelectronics SPC574KX Datasheet HTML 58Page - STMicroelectronics SPC574KX Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 160 page
background image
DocID023601 Rev 6
55/160
SPC574Kx
Electrical characteristics
159
Figure 14. Test circuit
3.12.3
Internal oscillator (IRCOSC)
2. Values in this table do not include the die and package capacitances given by Cs_xtal/Cs_extal in Table 28 (External
Oscillator electrical specifications).
3. Configurations 10000–11111 should not be used. Configurations 10000–11100 result in same capacitances of
configurations 00011–01111. Configurations 11101, 11110, and 11111 select maximum capacitances.
V
+
-
A
IXTAL
OFF
PCB GND
Tester
ALC
Z = R + j
ωL
VEXTAL = 0 V
VXTAL = 0 V
ALC INACTIVE
Conditions
XTAL
EXTAL
VSSOSC
VSS
VDDOSC
Bias current
Comparator
Table 30. Internal RC oscillator electrical specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min Typ Max
fTarget CC D IRCOSC target frequency
—
—
16
—
MHz
δfvar_noT CC P IRC frequency variation without
temperature compensation
TJ < 150 °C
–8
—
+8
%
δfvar_T CC T IRC frequency variation with temperature
compensation
TJ < 150 °C
–1.5
—
+1.5
%
δfvar_SW — T IRC frequency accuracy after software
trimming accuracy(1)
Trimming temperature
–0.5
—
+0.5
%
tstart_noT CC T Startup time to reach within fvar_noT
Factory trimming already
applied
——
5
µs
tstart_T CC T Startup time to reach within fvar_T
Factory trimming already
applied
—
—
120
µs
δfTC
CC T RCOSC temperature coefficient without
temperature compensation
TJ = –40°C to 150°C
4.5 V < VDD_HV_ADV <5.5 V
Stable supply, temperature
compensation disabled
–6.0
—
+6.0 KHz/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com