Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 76 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 76 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 72Page - STMicroelectronics SPC574KX Datasheet HTML 73Page - STMicroelectronics SPC574KX Datasheet HTML 74Page - STMicroelectronics SPC574KX Datasheet HTML 75Page - STMicroelectronics SPC574KX Datasheet HTML 76Page - STMicroelectronics SPC574KX Datasheet HTML 77Page - STMicroelectronics SPC574KX Datasheet HTML 78Page - STMicroelectronics SPC574KX Datasheet HTML 79Page - STMicroelectronics SPC574KX Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 160 page
background image
Electrical characteristics
SPC574Kx
76/160
DocID023601 Rev 6
11. Absolute max = 1.6 V + (285 mV/2) = 1.743 V
12. The LXRXOP[0] bit in the LFAST LVDS Control Register (LCR) must be set to one to ensure proper LFAST receive timing.
13. Total internal capacitance including receiver and termination, co-bonded GPIO pads, and package contributions.
Table 37. LFAST transmitter electrical characteristics(1)(2)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fDATA
SR
D
Data rate
—
—
—
320
Mbps
VOS
CC
P
Common mode voltage
—
1.08
—
1.32
V
|VOD|
CC
P
Differential output voltage swing
(terminated)(3)(4)
—
110
171
285
mV
tTR
CC
T
Rise/Fall time (absolute value of the
differential output voltage
swing)(3),(4)
—0.26
—
1.5
ns
CL
SR
D
External lumped differential load
capacitance(3)
VDD_HV_IO = 4.5 V
—
—
12.0
pF
VDD_HV_IO = 3.0 V
—
—
8.5
ILVDS_TX
CC
T
Transmitter DC current consumption Enabled
—
—
3.2
mA
1. The LFAST and High-Speed Debug LFAST pad electrical characteristics are based on worst case internal capacitance
values shown in Figure 21.
2. All LFAST and High-Speed Debug LVDS pad electrical characteristics are valid from –40 °C to 150 °C.
3. Valid for maximum data rate fDATA. Value given is the capacitance on each terminal of the differential pair, as shown in
Figure 21.
4. Valid for maximum external load CL.
Table 38. MSC/DSPI LVDS transmitter electrical characteristics (1)(2)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Data Rate
fDATA
SR
D
Data rate
—
—
—
80
Mbps
VOS
CC
P
Common mode voltage
—
1.08
—
1.32
V
|VOD|
CC
P
Differential output voltage swing
(terminated)(3)(4)
—
150
214
400
mV
tTR
CC
T
Rise/Fall time (absolute value of the
differential output voltage
swing)(3),(4)
—0.8
—
4.0
ns
CL
SR
D
External lumped differential load
capacitance(3)
VDD_HV_IO = 4.5 V
—
—
50
pF
VDD_HV_IO = 3.0 V
—
—
39
ILVDS_TX
CC
T
Transmitter DC current consumption Enabled
—
—
4.0
mA
1. The MSC and DSPI LVDS pad electrical characteristics are based on the application circuit and typical worst case internal
capacitance values given in Figure 21.
2. All MSC and DSPI LVDS pad electrical characteristics are valid from –40 °C to 150 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com