Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 26 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 22Page - STMicroelectronics SPC574KX Datasheet HTML 23Page - STMicroelectronics SPC574KX Datasheet HTML 24Page - STMicroelectronics SPC574KX Datasheet HTML 25Page - STMicroelectronics SPC574KX Datasheet HTML 26Page - STMicroelectronics SPC574KX Datasheet HTML 27Page - STMicroelectronics SPC574KX Datasheet HTML 28Page - STMicroelectronics SPC574KX Datasheet HTML 29Page - STMicroelectronics SPC574KX Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 160 page
background image
Electrical characteristics
SPC574Kx
26/160
DocID023601 Rev 6
Table 9 contains the conducted emissions testing specifications. The BISS port limits are
described in Section 3.4.1, BISS port and power supply limits.
Table 8. Radiated emissions testing specification(1), (2)
Coupling structure
Test setup
Function
Functional
configuration
BISS radiated
emissions limit
Entire IC
(G) TEM
Reference test
C1-S3
36 dBµV
Reference test with SSCG
C1-S3
36 dBµV
Memory copy
C4-S2
36 dBµV
Memory copy with SSCG
C4-S2
36 dBµV
1. Reference “BISS Generic IC EMC Test Specification”, version 1.2, section 9.3, “Emission test configuration for ICs with
CPU”.
2. The EMC parameters are classified as "T", validated on testbench.
Table 9. Conducted emissions testing specifications(1)
Module
Signal
Single/
Differential
Functional
configuration
Emission test
method
BISS
limits(2)(3)
150
Ω
CAN
TXCAN
Single
C1-S3, C5-S3
Yes
As per Figure 5
RXCAN
Yes
As per Figure 5
DSPI
SCLK - Diff
Differential C1-S3, C5-S3
Yes
As per Figure 5
MRST - Diff
Yes
As per Figure 5
MTSR - Diff
Yes
As per Figure 5
SCK
Single
C1-S3, C5-S3
Yes
As per Figure 5
MRST(4)
Yes
As per Figure 5
MTSR(4)
Yes
As per Figure 5
Ethernet
TXD(5)
Single
C1-S3
Yes
As per Figure 5
RXD(5)
Yes
As per Figure 5
REF_CLK
Yes
As per Figure 5
TXCLK
Yes
As per Figure 5
RXCLK
Yes
As per Figure 5
FlexRay
TXD
Single
C1-S3, C5-S3
Yes
As per Figure 5
RXD
Yes
As per Figure 5
I2C
SCL
Single
C1-S3
Yes
As per Figure 5
SDA
Yes
As per Figure 5
PSI5
PSI-TX
Single
C1-S3
Yes
As per Figure 5
PSI-RX
Yes
As per Figure 5
SENT
SENT
Single
C1-S3
Yes
As per Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com