Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 12Page - STMicroelectronics SPC574KX Datasheet HTML 13Page - STMicroelectronics SPC574KX Datasheet HTML 14Page - STMicroelectronics SPC574KX Datasheet HTML 15Page - STMicroelectronics SPC574KX Datasheet HTML 16Page - STMicroelectronics SPC574KX Datasheet HTML 17Page - STMicroelectronics SPC574KX Datasheet HTML 18Page - STMicroelectronics SPC574KX Datasheet HTML 19Page - STMicroelectronics SPC574KX Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 160 page
background image
Introduction
SPC574Kx
16/160
DocID023601 Rev 6
•
5 LIN and UART communication interface (LINFlexD) modules
–
LINFlexD_0 is a Master/Slave
–
LINFlexD_1, LINFlexD_2, LINFlexD_14, and LINFlexD_15 are Masters
•
3 MCAN interfaces with advanced shared memory scheme, two supporting ISO CAN-
FD and one supporting TTCAN
•
One Ethernet controller 10/100 Mbps, compliant IEEE 802.3-2008
•
Dual-channel FlexRay controller
•
Nexus development interface (NDI) per IEEE-ISTO 5001-2003 standard, with partial
support for 2010 standard
•
Device and board test support per Joint Test Action Group (JTAG) (IEEE 1149.1)
•
Single 5 V +/-10% Power supply supporting cold start conditions (down to 3.0 V) and
the supply voltage down to 1.2 V for core logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com