Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574KX Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 6Page - STMicroelectronics SPC574KX Datasheet HTML 7Page - STMicroelectronics SPC574KX Datasheet HTML 8Page - STMicroelectronics SPC574KX Datasheet HTML 9Page - STMicroelectronics SPC574KX Datasheet HTML 10Page - STMicroelectronics SPC574KX Datasheet HTML 11Page - STMicroelectronics SPC574KX Datasheet HTML 12Page - STMicroelectronics SPC574KX Datasheet HTML 13Page - STMicroelectronics SPC574KX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 160 page
background image
Introduction
SPC574Kx
10/160
DocID023601 Rev 6
1
Introduction
1.1
Document overview
This document provides electrical specifications, pin assignments, and package diagrams
for the SPC574Kx series of microcontroller units (MCUs). For functional characteristics, see
the SPC574Kx microcontroller reference manual.
1.2
Description
This family of MCUs targets automotive powertrain controller applications for four-cylinder
gasoline and diesel engines, chassis control applications, transmission control applications,
steering and braking applications, as well as low-end hybrid applications.
Many of the applications are considered to be functionally safe and the family is designed to
achieve ISO26262 ASIL-D compliance.
1.3
Device feature summary
Table 2. SPC574Kx device feature summary
Feature
Description
Process
55 nm
Main processor
Core
e200z4
Number of main cores
1
Number of checker cores
1
Local RAM (per main core)
16 KB Instruction
64 KB Data
Single precision floating point
Yes
VLE
Yes
Cache
4 KB Instruction
2 KB Data
I/O processor
Core
e200z2
Local RAM
16 KB Instruction
48 KB Data
Single precision floating point
Yes
LSP
Yes
VLE
Yes
Cache
No
Main processor frequency
160 MHz
I/O processor frequency
80 MHz
MPU
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com